Electronic Components Datasheet Search
  English  ▼

X  

MP2374DS Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2374DS
Description  6.5V-32V Input, 1A, 330kHz Step-Down Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2374DS Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2374DS Datasheet HTML 3Page - Monolithic Power Systems MP2374DS Datasheet HTML 4Page - Monolithic Power Systems MP2374DS Datasheet HTML 5Page - Monolithic Power Systems MP2374DS Datasheet HTML 6Page - Monolithic Power Systems MP2374DS Datasheet HTML 7Page - Monolithic Power Systems MP2374DS Datasheet HTML 8Page - Monolithic Power Systems MP2374DS Datasheet HTML 9Page - Monolithic Power Systems MP2374DS Datasheet HTML 10Page - Monolithic Power Systems MP2374DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP2374 – 6.5V-32V INPUT, 1A, 330kHz STEP-DOWN CONVERTER
MP2374 Rev. 1.0
www.MonolithicPower.com
10
1/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
INPUT
6.5V to 32V
OPEN
NOT USED
OUTPUT
2.5V
C4
4.7nF
D1
C2
10nF
MP2374
BS
IN
FB
SW
REF
GND
COMP
EN
C3
OPEN
OFF ON
1
3
5
6
4
8
7
2
Figure 5—MP2374 with Murata 22μF / 10V Ceramic Output Capacitor
INPUT
6.5V to 32V
OPEN
NOT USED
OUTPUT
2.5V
D1
C2
10nF
MP2374
BS
IN
FB
SW
REF
GND
COMP
EN
OFF ON
1
3
5
6
4
8
7
2
Figure 6—MP2374 with Panasonic 47μF / 6.3V Special Polymer Output Capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com