Electronic Components Datasheet Search
  English  ▼

X  

MP156 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP156
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP156 Datasheet HTML 1Page - Monolithic Power Systems MP156 Datasheet HTML 2Page - Monolithic Power Systems MP156 Datasheet HTML 3Page - Monolithic Power Systems MP156 Datasheet HTML 4Page - Monolithic Power Systems MP156 Datasheet HTML 5Page - Monolithic Power Systems MP156 Datasheet HTML 6Page - Monolithic Power Systems MP156 Datasheet HTML 7Page - Monolithic Power Systems MP156 Datasheet HTML 8Page - Monolithic Power Systems MP156 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP156 –SMALL, ENERGY-EFFICIENT, OFF-LINE REGULATOR
MP156 Rev. 1.15
www.MonolithicPower.com
4
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS
On-State Resistance vs.
Junction Temperature
Feedback Voltage vs.
Junction Temperature
Minimum Off Time vs.
Junction Temperature
Breakdown Voltage vs.
Junction Temperature
500
520
540
560
580
600
620
640
-40 -20
0
25 85 105 125
0
0.4
0.8
1.2
1.6
2
-40 -20
0 25
85 105 125
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
-40 -20
0
25 85 105 125
10
11
12
13
14
15
16
17
18
19
20
-40 -20
0
25
85 105 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com