Electronic Components Datasheet Search
  English  ▼

X  

MP156 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP156
Description  Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP156 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP156 Datasheet HTML 1Page - Monolithic Power Systems MP156 Datasheet HTML 2Page - Monolithic Power Systems MP156 Datasheet HTML 3Page - Monolithic Power Systems MP156 Datasheet HTML 4Page - Monolithic Power Systems MP156 Datasheet HTML 5Page - Monolithic Power Systems MP156 Datasheet HTML 6Page - Monolithic Power Systems MP156 Datasheet HTML 7Page - Monolithic Power Systems MP156 Datasheet HTML 8Page - Monolithic Power Systems MP156 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP156
Small, Energy-Efficient, Off-line Regulator
30mW No-Load Power Consumption
MP156 Rev. 1.15
www.MonolithicPower.com
1
4/21/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP156 is a primary-side regulator that provides
accurate constant voltage (CV) regulation
without opto-coupler, support Buck, Buck-Boost,
Boost and Flyback topologies. It has an
integrated 500V MOSFET to simplify the
structure and reduce costs. These features
make it a competitive candidate for off-line low
power applications, such as home appliances
and standby power.
MP156 is a green-mode-operation regulator.
Both its the peak current and the switching
frequency decrease as the load decreases to
provide excellent efficiency at light load, thus
improving the overall average efficiency.
MP156 features various protections, including
thermal shutdown (TSD), VCC under-voltage
lockout (UVLO), overload protection (OLP),
short-circuit protection (SCP), and open loop
protection.
MP156 is available in the TSOT23-5 and
SOIC8 packages.
FEATURES
• Primary-side constant voltage (CV) control,
supporting Buck, Buck-Boost, Boost and
Flyback topologies
• Integrated 500V/20Ω MOSFET
• <30mW no-load power consumption
• Up to 4W output power
• Maximum DCM output current less than
130mA
• Maximum CCM output current less than
220mA
• Low VCC Operating Current
• Frequency foldback
• Limited maximum frequency
• Peak-current compression
• Internal high-voltage current source
• Internal 350ns leading-edge blanking
• Thermal shutdown (auto restart)
• VCC under voltage lockout with hysteresis
• Timer based over-load protection.
• Short-circuit protection
• Open-loop protection
APPLICATIONS
•
Home appliances, white goods and
consumer electronics
•
Industrial controls
•
Standby power
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “MPS” and “The
Future of Analog IC Technology” are Registered Trademarks of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION


Similar Part No. - MP156

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
MP156 RECTRON-MP156 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Goodwork Semiconductor ...
MP156 GWSEMI-MP156 Datasheet
73Kb / 2P
SINGLE PHASE 15 AMP BRIDGE RECTIFIERS
logo
Micro Commercial Compon...
MP156 MCC-MP156 Datasheet
244Kb / 3P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Heyco.
MP156 HEYCO-MP156 Datasheet
160Kb / 1P
Male Pins
More results

Similar Description - MP156

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY255PN POWERINT-TNY255PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY253PN POWERINT-TNY253PN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN POWERINT-TNY254GN Datasheet
1Mb / 19P
Energy Efficient, Low Power Off-line Switchers
TNY255GN POWERINT-TNY255GN Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
TNY254GN-TL POWERINT-TNY254GN-TL Datasheet
1Mb / 18P
Energy Efficient, Low Power Off-line Switchers
logo
Monolithic Power System...
MP155 MPS-MP155 Datasheet
637Kb / 20P
Energy Efficient Off-line Regulator
logo
Recom International Pow...
RAC03-SE277 RECOM-RAC03-SE277 Datasheet
428Kb / 4P
30mW max. No Load Power Consumption
RAC03-SE277W RECOM-RAC03-SE277W Datasheet
383Kb / 4P
30mW max. No Load Power Consumption
logo
Monolithic Power System...
MP157 MPS-MP157 Datasheet
796Kb / 20P
Smallest Energy Efficient Off-line Regulator with Extended Power Range
MP158 MPS-MP158 Datasheet
711Kb / 20P
Small, Energy-Efficient, Off-line Regulator 30mW No-Load Power Consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com