Electronic Components Datasheet Search
  English  ▼

X  

SD25-2R2 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 2 Page - Monolithic Power Systems

  SD25-2R2 Datasheet HTML 1Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 2Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 3Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 4Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 5Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 6Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 7Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
2
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MPQ2451GT-5*
SOT23-6L
AGE
MPQ2451GT-5-AEC1
MPQ2451GT-33**
AGF
MPQ2451GT-33-AEC1
MPQ2451GG-5
QFN-6L
BP
MPQ2451GG-5-AEC1
MPQ2451GG-33
BQ
MPQ2451GG-33-AEC1
* For Tape & Reel, add suffix
–Z (e.g. MPQ2451GT-5–AEC1-Z)
** For Tape & Reel, add suffix -Z (e.g. MPQ2451GT-33-Z)
PACKAGE REFERENCE
OUT
OUT
SOT23-6L
QFN-6L
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage (VIN).................... −0.3V to +40V
Switch Voltage (VSW)........... −0.3V to (VIN+0.3V)
BST to SW....................................
−0.3 to +5.0V
All Other Pins.............................
–0.3V to +5.0V
Continuous Power Dissipation (TA = 25°C)
(2)
SOT23-6L ................................................0.57W
QFN-6L....................................................1.56W
Junction Temperature .............................. 150°C
Lead Temperature ................................... 260°C
Storage Temperature..............
−65°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN .......................... 3.3V to 36V
Operating Junction Temp. (TJ).−40°C to +125°C
Thermal Resistance
(4)
θJA
θJC
SOT23-6L..............................220 .... 110 ..°C/W
QFN-6L...................................80 ...... 16 ...°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com