Electronic Components Datasheet Search
  English  ▼

X  

SD25-2R2 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # SD25-2R2
Description  36V, 2.2MHz, 0.6A, Step-Down Converter AEC-Q100 Qualified
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

SD25-2R2 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button SD25-2R2 Datasheet HTML 7Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 8Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 9Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 10Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 11Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 12Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 13Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 14Page - Monolithic Power Systems SD25-2R2 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
MPQ2451-5/33―36V, 2.2MHz, 0.6A, STEP-DOWN CONVERTER, AEC-Q100 QUALIFIED
MPQ2451-5/33 Rev 1.0
www.MonolithicPower.com
11
5/25/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MPQ2451-5/33 is a 2.2MHz, asynchronous,
step-down, switching regulator with an integrated
high-side,
high-voltage,
power
MOSFET.
It
provides
an
internally-compensated,
highly-
efficient output of up to 0.6A with current-mode
control. It also features a wide input voltage
range, internal soft-start control, and a precise
current limit. Its very-low, operational, quiescent
current makes it suitable for battery-powered
applications.
PWM Control
At
moderate-to-high
output
current,
the
MPQ2451-5/33 operates in a fixed-frequency,
peak-current-control mode to regulate the output
voltage. A PWM cycle
—initiated by the internal
clock
—turns the power MOSFET on, and the
MOSFET remains on until its current reaches the
value set by VCOMP. When the PWM signal goes
low, the power switch turns off and remains off
for at least 100ns before the next cycle starts.
If the current in the power MOSFET does not
reach the COMP-set current value within one
PWM cycle, the power MOSFET remains ON to
avoid a turn-off operation.
Pulse-Skipping Mode
Under light-load conditions, the MPQ2451-5/33
enters pulse-skipping mode to improve efficiency.
Pulse-skipping occurs when VCOMP drops below
the internal sleep threshold, which generates a
PAUSE command to block the turn-on clock
pulse so the power MOSFET does not turn ON;
this
procedure
reduces
gate
driving
and
switching losses. This PAUSE command causes
the whole chip to enter sleep mode, reducing the
quiescent current to further improve light-load
efficiency.
When VCOMP exceeds the sleep threshold, the
PAUSE signal resets and the chip resumes
normal PWM operation. Whenever the PAUSE
changes state from LOW to HIGH, the PWM
signal immediately goes HIGH and turns on the
power MOSFET.
Error Amplifier
The error amplifier is composed of an internal op-
amp with an RC feedback network connected
between its output node (COMP) and its negative
input node (FB). When VFB drops below the
internal reference voltage (VREF), the op-amp
drives the COMP output high, driving the switch
peak current to rise and deliver more energy to
the output. Conversely, when VFB rises above
VREF, the switch peak current output drops.
Internal Regulator
The 2.6V internal regulator powers most of the
internal circuitry. This regulator takes the VIN
input and operates in the full VIN range. When VIN
exceeds 3.0V, the output of the regulator is in full
regulation. When VIN drops below 3.0V, the
output degrades.
Enable Control
The MPQ2451-5/33 has a dedicated enable
control pin, EN. When VIN rises above threshold,
the EN pin can enable or disable the chip for
HIGH effective logic. Its falling threshold is 1.2V,
and its rising threshold is about 1.6V. When left
floating, the EN pin is internally pulled down to
GND to disable the chip.
When the EN voltage is pulled to 0V, the chip
enters
the
lowest
shutdown
current
mode.
Between 0V and the rising threshold, the chip
remains in shutdown mode with a slightly higher
shutdown current.
Under-Voltage Lockout (UVLO)
VIN under-voltage lockout (UVLO) protects the
chip from operating at an insufficient supply
voltage. The UVLO rising threshold is ~2.9V
while its falling threshold is 2.6V.
Internal Soft-Start
A reference-type soft-start (SS) prevents the
converter-output
voltage
from
overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (VSS) that
ramps up from 0V over the SS time. When VSS is
less than VREF, VSS overrides VREF as the error
amplifier reference.
The maximum VSS is approximately the same as
VFB; i.e. if VFB falls, the maximum of VSS falls. This
accommodates short-circuit recovery; when the
short-circuit is removed, VSS ramps up to prevent
output-voltage overshoot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com