Electronic Components Datasheet Search
  English  ▼

X  

LE600 Datasheet(PDF) 2 Page - Schneider Electric

Part # LE600
Description  Line-R 600VA Automatic Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LE600 Datasheet(HTML) 2 Page - Schneider Electric

  LE600 Datasheet HTML 1Page - Schneider Electric LE600 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Master Carton Weight
34.0 lbs
Color
Beige
SCC Codes
1073130419792 5
Units per Pallet
64.0
Environmental
Operating Environment
32 - 104 °F (0 - 40 °C)
Operating Relative Humidity
5 - 95 %
Operating Elevation
0-10000 feet (0-3000 meters)
Storage Temperature
-13 - 149 °F (-25 - 65 °C)
Storage Relative Humidity
5 - 95 %
Storage Elevation
0-50000 feet (0-15000 meters)
Audible noise at 1 meter from surface
of unit
0.000 dB
Conformance
Approvals
FCC Part 15 Class B , NOM , UL 1012 , cUL Listed
Standard warranty
2 years repair or replace
Equipment protection policy
Lifetime : $25000
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com