Electronic Components Datasheet Search
  English  ▼

X  

LE600 Datasheet(PDF) 1 Page - Schneider Electric

Part # LE600
Description  Line-R 600VA Automatic Voltage Regulator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LE600 Datasheet(HTML) 1 Page - Schneider Electric

  LE600 Datasheet HTML 1Page - Schneider Electric LE600 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
LE600
Line-R 600VA Automatic Voltage Regulator
LE600 has not been replaced. Please contact your customer
care center for more information.
Overview
Model Name
Line-R 600VA Automatic Voltage Regulator
Includes
User Manual
Standard Lead Time
Usually in Stock
Product Distribution
Aruba , Barbados , Belize , Canada , Colombia , Costa Rica , Dominican Republic , Ecuador , El
Salvador , Guatemala , Guyana , Honduras , Jamaica , Mexico , Nicaragua , Panama , Puerto Rico ,
Trinidad And Tobago , United States , Venezuela
Output
Output Power Capacity
600 Watts / 600 VA
Max Configurable Power (Watts)
600 Watts / 600 VA
Nominal Output Voltage
120V
Input
Nominal Input Voltage
120V
Input Frequency
50/60 Hz
Input Connections
NEMA 5-15P
Cord Length
6.5 feet (1.98 meters)
Surge Protection and Filtering
Surge energy rating
680 Joules
Physical
Maximum Height
4.56 inches (116.0 mm)
Maximum Width
8.44 inches (214.0 mm)
Maximum Depth
5.56 inches (141.0 mm)
Net Weight
7.26 lbs (3.3 kg)
Shipping Weight
7.92 lbs (3.6 kg)
Shipping Height
6.9 inches (175.0 mm)
Shipping Width
10.76 inches (273.0 mm)
Shipping Depth
8.16 inches (207.0 mm)
Master Carton Units
4.0
May 19, 2020
1


Similar Part No. - LE600

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LE60AB STMICROELECTRONICS-LE60AB Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABD STMICROELECTRONICS-LE60ABD Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABDTR STMICROELECTRONICS-LE60ABDTR Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABZ STMICROELECTRONICS-LE60ABZ Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
LE60ABZAP STMICROELECTRONICS-LE60ABZAP Datasheet
207Kb / 27P
VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT
09-Jul-2004
More results

Similar Description - LE600

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFR540Z IRF-AUIRFR540Z Datasheet
280Kb / 12P
Automatic Voltage Regulator
logo
List of Unclassifed Man...
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LC1800 ETC2-LC1800 Datasheet
543Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LC2400 ETC2-LC2400 Datasheet
545Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LS604WM ETC2-LS604WM Datasheet
516Kb / 3P
Line Conditioner - Automatic voltage regulation with surge protection
LS606M ETC2-LS606M Datasheet
489Kb / 4P
Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
1000 Watt Voltage Regulator - Automatic voltage
logo
Schneider Electric
LE1200 SCHNEIDER-LE1200 Datasheet
86Kb / 2P
Line-R 1200VA Automatic Voltage Regulator
May 19, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com