Electronic Components Datasheet Search
  English  ▼

X  

1752399 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1752399
Description  Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752399 Datasheet(HTML) 6 Page - PHOENIX CONTACT

Back Button 1752399 Datasheet HTML 2Page - PHOENIX CONTACT 1752399 Datasheet HTML 3Page - PHOENIX CONTACT 1752399 Datasheet HTML 4Page - PHOENIX CONTACT 1752399 Datasheet HTML 5Page - PHOENIX CONTACT 1752399 Datasheet HTML 6Page - PHOENIX CONTACT 1752399 Datasheet HTML 7Page - PHOENIX CONTACT 1752399 Datasheet HTML 8Page - PHOENIX CONTACT 1752399 Datasheet HTML 9Page - PHOENIX CONTACT 1752399 Datasheet HTML 10Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
https://www.phoenixcontact.com/us/produkte/1752399
30.04.2013   Page 6 / 12
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU - 1752399
Accessories
Insertion bridge - EBP 5- 5 - 1733198
Insertion bridge, fully insulated, for plug-in connectors with 5.0 or 5.08 mm pitch, no. of positions: 5
 
 
Marking
Marker cards - SK 5,08/3,8:FORTL.ZAHLEN - 0804293
Marker cards, Card, white, labeled, Horizontal: Consecutive numbers 1 - 10, 11 - 20, etc. up to 91 - (99)100, Mounting
type: Adhesive, For terminal block width: 5.08 mm
 
 
Marker cards - SK U/2,8 WH:UNBEDRUCKT - 0803883
Marker cards, Sheet, white, Unlabeled, Can be labeled with: Plotter, Office-Drucksysteme, Mounting type: Adhesive
 
 
Marker pen - B-STIFT - 1051993
Marker pen, for manual labeling of unprinted Zack strips, smear-proof and waterproof, line thickness 0.5 mm
 
 
Plug/Adapter
Coding profile - CP-MSTB - 1734634
Coding profile, is inserted into the slot on the plug or inverted header, red insulating material
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com