Electronic Components Datasheet Search
  English  ▼

X  

1752399 Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # 1752399
Description  Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1752399 Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button 1752399 Datasheet HTML 4Page - PHOENIX CONTACT 1752399 Datasheet HTML 5Page - PHOENIX CONTACT 1752399 Datasheet HTML 6Page - PHOENIX CONTACT 1752399 Datasheet HTML 7Page - PHOENIX CONTACT 1752399 Datasheet HTML 8Page - PHOENIX CONTACT 1752399 Datasheet HTML 9Page - PHOENIX CONTACT 1752399 Datasheet HTML 10Page - PHOENIX CONTACT 1752399 Datasheet HTML 11Page - PHOENIX CONTACT 1752399 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
https://www.phoenixcontact.com/us/produkte/1752399
30.04.2013   Page 10 / 12
Printed-circuit board connector - MSTB 2,5/ 5-ST-5,08 AU - 1752399
Accessories
Base strip - MSTBVK 2,5/ 5-G-5,08 - 1788758
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm, Connection
method: Screw connection, Color: green, Contact surface: Tin, Assembly: DIN rail
 
 
Base strip - MDSTBA 2,5/ 5-G-5,08 - 1842092
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Soldering, The article can be aligned to create different nos. of positions! In combination
with MVSTB or FKCV plug components, both an MVSTBW (or FKCVW) and an MVSTBR plug (or FKCVR) must be
used. Combination with TMSTBP plug components is not possible!
 
 
Base strip - EMSTBA 2,5/ 5-G-5,08 - 1880339
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 
Base strip - EMSTBVA 2,5/ 5-G-5,08 - 1859548
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm, Color: green,
Contact surface: Tin, Assembly: Press-in
 
 
Printed-circuit board connector - FKIC 2,5/ 5-ST-5,08 - 1873388
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 5, Pitch: 5.08 mm, Connection
method: Spring-cage conn., Color: green, Contact surface: Tin
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com