Electronic Components Datasheet Search
  English  ▼

X  

1754627 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1754627
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754627 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1754627 Datasheet HTML 1Page - PHOENIX CONTACT 1754627 Datasheet HTML 2Page - PHOENIX CONTACT 1754627 Datasheet HTML 3Page - PHOENIX CONTACT 1754627 Datasheet HTML 4Page - PHOENIX CONTACT 1754627 Datasheet HTML 5Page - PHOENIX CONTACT 1754627 Datasheet HTML 6Page - PHOENIX CONTACT 1754627 Datasheet HTML 7Page - PHOENIX CONTACT 1754627 Datasheet HTML 8Page - PHOENIX CONTACT 1754627 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Plug component, Screw connection with tension
sleeve
Order No.: 1754627
Type: MSTB 2,5/11-ST
Data sheet
1
Main features
2
Your advantages
 No. of pos.
11
 Nominal current
12 A
 Conductor cross section
2.5 mm²
 Nominal voltage
320 V
 Color
green
 Connection direction
0 °
 Pitch
5 mm
 Type of packaging
packed in cardboard
 Connection method
Screw connection with
tension sleeve
Well-known connection principle allows worldwide use
Low temperature rise, thanks to maximum contact force
Allows connection of two conductors
Make sure you always use the latest documentation.
It can be downloaded at: phoenixcontact.net/product/1754627
2017-09-29
Product version 03
The figure shows a 10-position version of the
product
Document revision 0


Similar Part No. - 1754627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754623 PHOENIX-1754623 Datasheet
596Kb / 15P
Printed-circuit board connector - FKCN 2,5/ 8-ST-5,08
02/04/2022
logo
TE Connectivity Ltd
1754625-1 TEC-1754625-1 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1754625-2 TEC-1754625-2 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1754625-3 TEC-1754625-3 Datasheet
223Kb / 1P
THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

Similar Description - 1754627

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1754449 PHOENIX-1754449 Datasheet
142Kb / 6P
MSTB 2,5/ 2-ST
1754481 PHOENIX-1754481 Datasheet
142Kb / 6P
MSTB 2,5/ 4-ST
1754504 PHOENIX-1754504 Datasheet
259Kb / 7P
MSTB 2,5/ 5-ST
1754562 PHOENIX-1754562 Datasheet
142Kb / 6P
MSTB 2,5/ 8-ST
1757103 PHOENIX-1757103 Datasheet
148Kb / 7P
MSTB 2,5/11-ST-5,08
1760129 PHOENIX-1760129 Datasheet
110Kb / 5P
MSTB 2,5/11-ST-5,08 BD:1-11
1833263 PHOENIX-1833263 Datasheet
96Kb / 3P
MSTB 2,5/11-ST BD:1-11
1703984 PHOENIX-1703984 Datasheet
50Kb / 3P
MSTB 2,5/ 6-ST BKBDWH:6-11
1756434 PHOENIX-1756434 Datasheet
42Kb / 2P
Printed-circuit board connector - MSTB 2,5/11-ST BK
1779505 PHOENIX-1779505 Datasheet
121Kb / 10P
Printed-circuit board connector - FRONT-MSTB 2,5/11-ST
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com