Electronic Components Datasheet Search
  English  ▼

X  

1754627 Datasheet(PDF) 13 Page - PHOENIX CONTACT

Part # 1754627
Description  MSTB 2,5/11-ST
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1754627 Datasheet(HTML) 13 Page - PHOENIX CONTACT

Back Button 1754627 Datasheet HTML 9Page - PHOENIX CONTACT 1754627 Datasheet HTML 10Page - PHOENIX CONTACT 1754627 Datasheet HTML 11Page - PHOENIX CONTACT 1754627 Datasheet HTML 12Page - PHOENIX CONTACT 1754627 Datasheet HTML 13Page - PHOENIX CONTACT 1754627 Datasheet HTML 14Page - PHOENIX CONTACT 1754627 Datasheet HTML 15Page - PHOENIX CONTACT 1754627 Datasheet HTML 16Page - PHOENIX CONTACT 1754627 Datasheet HTML 17Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
1754627 MSTB 2,5/11-ST
REF 1754449
PHOENIX CONTACT 13 / 20
2017-09-29
Product version 03
Document revision 0
13
Environmental and durability tests
Specification
IEC 60068-2-6:2007-12
Result
Test passed
Frequency
10 - 150 - 10 Hz
Sweep speed
1 octave/min
Amplitude
0.35 mm (10 - 60.1 Hz)
Acceleration
5 g (60.1 - 150 Hz)
Test duration per axis
2.5 h
Test directions
X-, Y- and Z-axis
13.1
Vibration test
Specification
IEC 61984:2008-10
Main features
Connectors without switching capacity (COC)
Construction form
Fixed connectors
Strain relief elements
without strain relief
Connection method
Can be reconnected
Protection against electric shock
Not encapsulated - touch-proof when inserted
Protective conductor
without PE
Lock
no
Connection method
Screw terminal points
14
Classification for connectors
15
Approvals
CSA
Use group
B
D
mm²/AWG/kcmil
28-12
28-12
Voltage
300 V
300 V
Current
10 A
10 A
VDE Gutachten mit Fertigungsüberwachung
mm²/AWG/kcmil
0.2-2.5
Voltage
250 V
Current
12 A
IECEE CB Scheme
mm²/AWG/kcmil
0.2-2.5
Voltage
250 V
Current
12 A
cULus Recognized
Use group
B
D
mm²/AWG/kcmil
30-12
30-12
Voltage
300 V
150 V
Current
15 A
15 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com