Electronic Components Datasheet Search
  English  ▼

X  

EBX210 Datasheet(PDF) 2 Page - Schneider Electric

Part # EBX210
Description  ComX 210 - data logger - UL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EBX210 Datasheet(HTML) 2 Page - Schneider Electric

  EBX210 Datasheet HTML 1Page - Schneider Electric EBX210 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Width
5.67 in (144 mm)
Net weight
15.87 oz (450 g)
Local signalling
LED:power supply
LED:status GPRS)
LED:communication Modbus)
LED:communication Ethernet)
LED:communication WiFi)
LED:I/O
Environment
Relative humidity
5…95 % 131 °F (55 °C) without condensation
IP degree of protection
IP20 terminal block)
IP40 front face)
Ambient air temperature for operation
-13…158 °F (-25…70 °C)
Ambient air temperature for storage
-40…185 °F (-40…85 °C)
Pollution degree
3
Operating altitude
6561.68 ft (2000 m)
Ordering and shipping details
Category
09785 - POWERLOGIC SYSTEM CMPNTS
Discount Schedule
PL1
GTIN
00785901433309
Returnability
Yes
Country of origin
DE
Offer Sustainability
California proposition 65
WARNING: This product can expose you to chemicals which are known to the State of California to
cause Carcinogen and Reproductive harm.For more information go to www.p65warnings.ca.gov
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com