Electronic Components Datasheet Search
  English  ▼

X  

EBX210 Datasheet(PDF) 1 Page - Schneider Electric

Part # EBX210
Description  ComX 210 - data logger - UL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EBX210 Datasheet(HTML) 1 Page - Schneider Electric

  EBX210 Datasheet HTML 1Page - Schneider Electric EBX210 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
EBX210
ComX 210 - data logger - UL
Product availability : Stock - Normally stocked in distribution facility
Price** : 1,436.00 USD
Main
Range
PowerLogic
Product name
ComX
Product or component type
Energy server
Device short name
ComX 210
Complementary
[Us] rated supply voltage
Main supply 24 V DC
Maximum power consumption in W
26 W 24 V
15 W via PoE
Communication network type
RS485, Modbus serial 1 RJ45
RS485, Modbus serial terminal block
Ethernet, PoE 15W (Power over Ethernet) 1 RJ45
Ethernet, DHCP 1 RJ45
Number of inputs
6 digital
2 analog
Discrete input current
60 mA 12 V DC
Sensor power supply
24 V DC 50 mA
Analogue input type
4...20 mA
Pt 100
Pt 1000
0...10 V
Communication gateway
Ethernet TCP/IP to Modbus
Memory capacity
128 MB RAM
256 MB flash
Mounting mode
Clip-on
Mounting support
35 mm DIN rail
Product certifications
CE
CUL
C-tick
UL
Standards
EN 61010-1
UL 508
EN 60950
UL 60950
Depth
2.72 in (69 mm)
Height
4.29 in (109 mm)
May 21, 2020
1


Similar Description - EBX210

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Pico Technology Ltd.
ADC-20 PICO-ADC-20 Datasheet
5Mb / 9P
High-resolution data logger
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
CWL100 VAISALA-CWL100 Datasheet
488Kb / 3P
Cloud Wireless Data Logger
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com