Electronic Components Datasheet Search
  English  ▼

X  

EME2021 Datasheet(PDF) 2 Page - Schneider Electric

Part # EME2021
Description  Square D - PowerLogic Energy Meter, EXT Range 200A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EME2021 Datasheet(HTML) 2 Page - Schneider Electric

  EME2021 Datasheet HTML 1Page - Schneider Electric EME2021 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Number of outputs
1 pulse
1 alarm output
Output voltage
24 V AC/DC@100 mA
Impulse duration
200 ms
Number of pulse
2 p/kWh
1 p/kWh
4 p/kWh
10 p/kWh
Sampling rate
1280 Hz
Provided equipment
2 x current transformer
CT size
0.75 x 1.10 inch
Standards
ANSI C12.1
Product certifications
UL UL 3111-1
CUL
Width
7.60 in (193 mm)
Depth
Meter 2.99 in (76 mm)
Height
8.31 in (211 mm)
Environment
Isolation voltage
, 320 V
Relative humidity
0…95 % non-condensing
Ambient air temperature for operation
32…122 °F (0…50 °C)
Ambient air temperature for storage
-40…158 °F (-40…70 °C)
Ordering and shipping details
Category
09779 - POWERLOGIC ENERGY METER
Discount Schedule
PL1
GTIN
00785901000334
Returnability
No
Country of origin
US
Offer Sustainability
EU RoHS Directive
Not compliant
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
WEEE
The product must be disposed on European Union markets following specific waste collection and
never end up in rubbish bins.
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com