Electronic Components Datasheet Search
  English  ▼

X  

EME2021 Datasheet(PDF) 1 Page - Schneider Electric

Part # EME2021
Description  Square D - PowerLogic Energy Meter, EXT Range 200A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

EME2021 Datasheet(HTML) 1 Page - Schneider Electric

  EME2021 Datasheet HTML 1Page - Schneider Electric EME2021 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
EME2021
Square D - PowerLogic Energy Meter, EXT
Range 200A, 0.75"X1.10" ID, 2CT's
Product availability : Non-Stock - Not normally stocked in distribution facility
Price** : 966.00 USD
Main
Range
PowerLogic
Product name
PowerLogic ENERGY METER
Product or component type
Energy meter
Device application
Energy monitoring
Complementary
Type of measurement
Energy consumption
Power
Peak demand power
Reactive power
Power factor
Voltage
Current
Measurement accuracy
+/- 1 %
Measurement voltage
300 V AC between phase and neutral
480 V AC between phases
[Us] rated supply voltage
120...277 V AC - 25...10 %
Network frequency
60 Hz
50 Hz
Line Rated Current
200 A
Display type
Backlit LCD
Display size
1.2 x 3.8 inch
Information displayed
Energy consumption
Power
Power maximum)
Reactive power
Power factor
Voltage
Current
Local signalling
Phase loss NC function
May 21, 2020
1


Similar Part No. - EME2021

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EME2010 SCHNEIDER-EME2010 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 100A
May 21, 2020
EME2032 SCHNEIDER-EME2032 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 300A
May 21, 2020
EME2043 SCHNEIDER-EME2043 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 400A
May 21, 2020
EME2083 SCHNEIDER-EME2083 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 800A
May 21, 2020
More results

Similar Description - EME2021

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
EME1010 SCHNEIDER-EME1010 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 100A
May 21, 2020
EME1021 SCHNEIDER-EME1021 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 200A
May 21, 2020
EME1032 SCHNEIDER-EME1032 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 300A
May 21, 2020
EME2032 SCHNEIDER-EME2032 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 300A
May 21, 2020
EME2043 SCHNEIDER-EME2043 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 400A
May 21, 2020
EME2083 SCHNEIDER-EME2083 Datasheet
59Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 800A
May 21, 2020
EME3010 SCHNEIDER-EME3010 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 100A
May 21, 2020
EME3021 SCHNEIDER-EME3021 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 200A
May 21, 2020
EME3043 SCHNEIDER-EME3043 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 400A
May 21, 2020
EME3084 SCHNEIDER-EME3084 Datasheet
60Kb / 2P
Square D - PowerLogic Energy Meter, EXT Range 800A
May 21, 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com