Electronic Components Datasheet Search
  English  ▼

X  

1758089 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1758089
Description  Base strip - MSTBV 2,5/ 9-G-5,08
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758089 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1758089 Datasheet HTML 1Page - PHOENIX CONTACT 1758089 Datasheet HTML 2Page - PHOENIX CONTACT 1758089 Datasheet HTML 3Page - PHOENIX CONTACT 1758089 Datasheet HTML 4Page - PHOENIX CONTACT 1758089 Datasheet HTML 5Page - PHOENIX CONTACT 1758089 Datasheet HTML 6Page - PHOENIX CONTACT 1758089 Datasheet HTML 7Page - PHOENIX CONTACT 1758089 Datasheet HTML 8Page - PHOENIX CONTACT 1758089 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/us/produkte/1758089
03.10.2012   Page 1 / 9
Base strip - MSTBV 2,5/ 9-G-5,08 - 1758089
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in
the user's documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V, Number of positions: 9, Pitch: 5.08 mm,
Color: green, Contact surface: Tin, Assembly: Soldering
The figure shows a 10-position
version of the product
Why buy this product
 Other pin lengths available on request
 Versions with and without side panel
 Plug-in direction parallel and vertical to the PCB
 Standard pin strip for 320 V (III/2)
 
Key commercial data
Packing unit
1
Minimum order quantity
50
Catalog page
Page 289 (CC-2011)
GTIN
Custom tariff number
85366990
Country of origin
GERMANY
Technical data
Dimensions / positions
Length
8.6 mm
Pitch
5.08 mm
Dimension a
40.64 mm
Number of positions
9
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm
Technical data
Range of articles
MSTBV 2,5/..-G
Insulating material group
IIIa
Rated surge voltage (III/3)
4 kV


Similar Part No. - 1758089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1758018 PHOENIX-1758018 Datasheet
150Kb / 6P
The figure shows a 10-position version of the product
1758021 PHOENIX-1758021 Datasheet
41Kb / 1P
Extract from the online catalog
1758021 PHOENIX-1758021 Datasheet
169Kb / 7P
ICV 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
154Kb / 6P
IC 2,5/ 3-G-5,08
1758021 PHOENIX-1758021 Datasheet
149Kb / 7P
MSTBT 2,5/ 3-ST-5,08
More results

Similar Description - 1758089

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753576 PHOENIX-1753576 Datasheet
115Kb / 7P
Base strip - MSTBV 2,5/ 9-G
1758131 PHOENIX-1758131 Datasheet
137Kb / 9P
Base strip - MSTBV 2,5/14-G-5,08
1759088 PHOENIX-1759088 Datasheet
144Kb / 10P
Base strip - MSTB 2,5/ 9-G-5,08
1786019 PHOENIX-1786019 Datasheet
139Kb / 9P
Base strip - ICV 2,5/ 9-G-5,08
1777141 PHOENIX-1777141 Datasheet
132Kb / 8P
Base strip - MSTBV 2,5/ 9-GF-5,08
1748772 PHOENIX-1748772 Datasheet
74Kb / 4P
Base strip - MSTBV 2,5/ 4-G-5,08 AU
1758102 PHOENIX-1758102 Datasheet
140Kb / 9P
Base strip - MSTBV 2,5/11-G-5,08
1758160 PHOENIX-1758160 Datasheet
79Kb / 5P
Base strip - MSTBV 2,5/17-G-5,08
1758209 PHOENIX-1758209 Datasheet
79Kb / 5P
Base strip - MSTBV 2,5/21-G-5,08
1808531 PHOENIX-1808531 Datasheet
95Kb / 5P
Base strip - MSTBV 2,5/ 9-GEH-5,08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com