Electronic Components Datasheet Search
  English  ▼

X  

1758089 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1758089
Description  Base strip - MSTBV 2,5/ 9-G-5,08
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1758089 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1758089 Datasheet HTML 1Page - PHOENIX CONTACT 1758089 Datasheet HTML 2Page - PHOENIX CONTACT 1758089 Datasheet HTML 3Page - PHOENIX CONTACT 1758089 Datasheet HTML 4Page - PHOENIX CONTACT 1758089 Datasheet HTML 5Page - PHOENIX CONTACT 1758089 Datasheet HTML 6Page - PHOENIX CONTACT 1758089 Datasheet HTML 7Page - PHOENIX CONTACT 1758089 Datasheet HTML 8Page - PHOENIX CONTACT 1758089 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/us/produkte/1758089
03.10.2012   Page 2 / 9
Base strip - MSTBV 2,5/ 9-G-5,08 - 1758089
Technical data
Technical data
Rated surge voltage (III/2)
4 kV
Rated surge voltage (II/2)
4 kV
Rated voltage (III/2)
320 V
Rated voltage (II/2)
400 V
Connection in acc. with standard
EN-VDE
Nominal current IN
12 A
Nominal voltage UN
250 V
Maximum load current
12 A
Insulating material
PBT
Inflammability class according to UL 94
V0
Color
green
Nominal voltage, UL/CUL Use Group B
300 V
Nominal current, UL/CUL Use Group B
12 A
Nominal voltage, UL/CUL Use Group D
300 V
Nominal current, UL/CUL Use Group D
12 A
Classifications
eclass
eCl@ss 4.0
272607xx
eCl@ss 4.1
27260701
eCl@ss 5.0
27260701
eCl@ss 5.1
27260701
eCl@ss 6.0
27260704
eCl@ss 7.0
27440402
etim
ETIM 3.0
EC001121
ETIM 4.0
EC002637
ETIM 5.0
EC002637
unspsc
UNSPSC 6.01
30211810
UNSPSC 7.0901
39121409
UNSPSC 11
39121409
UNSPSC 12.01
39121409
UNSPSC 13.2
39121409
Approvals
Approvals



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com