Electronic Components Datasheet Search
  English  ▼

X  

RS062R Datasheet(PDF) 8 Page - Cyntec Co., Ltd.

Part # RS062R
Description  31mW, 0608, Resistor Network (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

RS062R Datasheet(HTML) 8 Page - Cyntec Co., Ltd.

  RS062R Datasheet HTML 1Page - Cyntec Co., Ltd. RS062R Datasheet HTML 2Page - Cyntec Co., Ltd. RS062R Datasheet HTML 3Page - Cyntec Co., Ltd. RS062R Datasheet HTML 4Page - Cyntec Co., Ltd. RS062R Datasheet HTML 5Page - Cyntec Co., Ltd. RS062R Datasheet HTML 6Page - Cyntec Co., Ltd. RS062R Datasheet HTML 7Page - Cyntec Co., Ltd. RS062R Datasheet HTML 8Page - Cyntec Co., Ltd. RS062R Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DOCUMENT
: RT2F-NH
REVISION
: A1
8
Resistor Network
REEL DIMENSIONS:
Numbers of Taping : 10,000 pieces/reel
The following items shall be marked on the reel.
(1)
Type designation.
(2)
Quantity
(3)
Manufacturing date code
(4)
Manufacturer’s name
Peel force of top cover tape
The peel speed shall be about 300 mm/min. The peel force of top cover tape shall be between
0.1 to 0.7 N.
2.0 ± 0.5
11.4 ± 1.0
Unit : mm
Label
9.0 ± 0.3
22 min.
13.0 ± 0.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com