Electronic Components Datasheet Search
  English  ▼

X  

RS062R Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # RS062R
Description  31mW, 0608, Resistor Network (Lead / Halogen Free)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

RS062R Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  RS062R Datasheet HTML 1Page - Cyntec Co., Ltd. RS062R Datasheet HTML 2Page - Cyntec Co., Ltd. RS062R Datasheet HTML 3Page - Cyntec Co., Ltd. RS062R Datasheet HTML 4Page - Cyntec Co., Ltd. RS062R Datasheet HTML 5Page - Cyntec Co., Ltd. RS062R Datasheet HTML 6Page - Cyntec Co., Ltd. RS062R Datasheet HTML 7Page - Cyntec Co., Ltd. RS062R Datasheet HTML 8Page - Cyntec Co., Ltd. RS062R Datasheet HTML 9Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DOCUMENT
: RT2F-NH
REVISION
: A1
3
Resistor Network
Type Designation :
RS062R
-
XXXX
-
X
2 NH
(1)
(2)
(3)
(4)
(5)
Note :
(1) Series No. 0.6mm x 0.8mm Size & 4 Pins 2 Resistors
(2) Resistance value : 00R0=Jumper(0),56R0 = 56,1001=1K
(3) Tolerance : F = ±1%, G = ±2%, J= ±5%, X= Jumper(Below 50 m)
(4) Outline type : 2 = Flat type
(5) NH= Sn plating ( Lead free / Halogen free)
Characteristics :
Electrical
Item
Specification and Requirement
Test Method
(Refer to JIS C 5201)
Resistor
Jumper
Short Time Overload
△R: (2%+ 0.1)
Without damage by
flashover, spark, arcing,
burning or breakdown
Max. 50m
(1) Applied voltage:
2.5 x rated voltage or
2 x maximum operating voltage
which ever is less
(2) Test time : 5 seconds
Insulation Resistance
Over 100 M on Overcoat layer face up
Over 1,000 M on Substrate side face up
(1) Setup as figure 1
(2) Test voltage: 100 VDC
(3) Test time:
60 + 10 / -0 seconds
Voltage Proof
R:  (2%+ 0.1)
Without damage by
flashover, spark, arcing,
burning or breakdown
Max. 50m
(1) Setup as figure 1
(2) Test voltage: 50 VAC(rms.)
(3) Test time:
60 +10 / -0 seconds



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com