Electronic Components Datasheet Search
  English  ▼

X  

950 Datasheet(PDF) 2 Page - Littelfuse

Part # 950
Description  250 V, T Lead Free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

950 Datasheet(HTML) 2 Page - Littelfuse

  950 Datasheet HTML 1Page - Littelfuse 950 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
050317
Time/Current Curve
Current (Amps)
0,001
2
5
0,010
2
5
0,100
2
5
1
2
5
10
2
5
100
2
5
1000
2
5
10000
2
5
100000
1
2
5
10
2
5
100
2
5
1000
950 - 1,60A
TE5 Time-Lag
n. genormt
Subject to alteration without notice.
20.06.28
AKL V3.7
Time/Current Curve
Current (Amps)
0,001
2
5
0,010
2
5
0,100
2
5
1
2
5
10
2
5
100
2
5
1000
2
5
10000
2
5
100000
1
2
5
10
2
5
100
2
5
1000
950 - 1,60A
TE5 Time-Lag
n. genormt
Subject to alteration without notice.
PPPPPROTECTOR
ROTECTOR
ROTECTOR
ROTECTOR
ROTECTOR
No.
No.
No.
No.
No. 950
950
950
950
950



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com