Electronic Components Datasheet Search
  English  ▼

X  

950 Datasheet(PDF) 1 Page - Littelfuse

Part # 950
Description  250 V, T Lead Free
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

950 Datasheet(HTML) 1 Page - Littelfuse

  950 Datasheet HTML 1Page - Littelfuse 950 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
050317
WebSite www.littelfuse.com
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
8,5
∅ 0,6
5,08
1,5
max.4
1.60 A
1160
250 V
50A/250 V AC
95
155
41
40
Note: 1.00 means the number one with two decimal places. 1,000 means the number one thousand.
PPPPPROTECTOR
ROTECTOR
ROTECTOR
ROTECTOR
ROTECTOR
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Dimensions (mm)
Holes in the PCB
Rated
Amp
Voltage
Breaking
Voltage Drop
Power Dissipation
Cold Resistance
Melting Integral
current
Code
Rating
Capacity
1.0 x I
N
1.0 x I
N
0.1 x I
N
10 x I
N
max. (mV)
max. (mW)
typ. (mΩ)
min. (A2s)
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is
Permissible continuous operating current is ≤≤≤≤≤ 100
100
100
100
100 % at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23
% at ambient temperature of 23 ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4
ºC (73.4 ºF).
ºF).
ºF).
ºF).
ºF).
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing T
Limits for Pre-arcing Time
ime
ime
ime
ime
Long Leads (L=18.8 mm)
No.
No.
No.
No.
No. 950
950
950
950
950
Specifications
Specifications
Specifications
Specifications
Specifications
Packaging
Packaging
Packaging
Packaging
Packaging
000: Tape/Ammopack (1400 pcs.)
Materials
Materials
Materials
Materials
Materials
Base/Cap:
Brown Thermoplastic
Polyamide PA 6.6, UL 94 V-0
Round Pins: Copper, Sn plated
Operating T
Operating T
Operating T
Operating T
Operating Temperature
emperature
emperature
emperature
emperature
-40 ºC to +85 ºC (consider de-rating)
Climatic Category
Climatic Category
Climatic Category
Climatic Category
Climatic Category
-40 ºC/+85 ºC/21 days (EN 60068-1,-2-1,-2-2,-78)
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
Stock Conditions
+10 ºC to +60 ºC
relative humidity ≤ 75 % yearly average,
without dew, maximum value for 30 days-95 %
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
Vibration Resistance
24 cycles at 15 min. each (EN 60068-6)
10 - 60 Hz at 0.75 mm amplitude
60 - 2000 Hz at 10 g acceleration
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
Lead Pull Strength
10 N (EN 60068-2-21)
Solderability
Solderability
Solderability
Solderability
Solderability
260 ºC, ≤ 3 s (Wave)
350 ºC, ≤ 3 s (Soldering iron)
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
Soldering Heat Resistance
260 ºC, 10 s (IEC 60068-2-20)
Marking
Marking
Marking
Marking
Marking
, 950, T, Current Rating
Unit Weight
Unit Weight
Unit Weight
Unit Weight
Unit Weight
0.60 g (approx.)
250 V
250 V
250 V
250 V
250 V, T
, T
, T
, T
, T
Lead Free
Lead Free
Lead Free
Lead Free
Lead Free
TTTTTime-Current Characteristics
ime-Current Characteristics
ime-Current Characteristics
ime-Current Characteristics
ime-Current Characteristics
Time-Lag (T)
Standard
Standard
Standard
Standard
Standard
according to IEC 60127-3/IV
Features
Features
Features
Features
Features
Lead Free
High pulse load
Reduced PCB space requirements
Direct solderable or plug-in versions
Low internal resistance
Shocksafe casing
Vibration resistant
Halogen free
Rated Current
1.5 x I
N
2.1 x I
N
1.6 A
> 1 h
< 200 s
Order
Order
Order
Order
Order
Qty.
Qty.
Qty.
Qty.
Qty.
Order-
Order-
Order-
Order-
Order-
Series
Series
Series
Series
Series
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Amp Code
Packaging
Information
Information
Information
Information
Information
Number
Number
Number
Number
Number
950
Specifications are subject
to change without notice


Similar Part No. - 950

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
3M Electronics
950 3M-950 Datasheet
365Kb / 3P
Adhesive Transfer Tapes
Nov-2007
logo
WECO ELECTRICAL CONNECT...
950 WECO-950 Datasheet
99Kb / 1P
PCB connector Screw connection
04.18
logo
Keystone Electronics Co...
950 KEYSTONE-950 Datasheet
152Kb / 1P
CONN PLUG USB3.0 MICRO USB B SLD
logo
Structured Cable Produc...
950 STRUCTURED-CABLE-950 Datasheet
301Kb / 1P
F PLUG COMPRESSION TYPE US PAT.
80/08/2013
More results

Similar Description - 950

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
501XLF CML-501XLF Datasheet
66Kb / 1P
T-3쩌 12V 5W Lead-free Wedge base lamp
1503XLF CML-1503XLF Datasheet
66Kb / 1P
T-31/4 14V 3W Lead-free Wedge base lamp
logo
Molex Electronics Ltd.
0475976002 MOLEX6-0475976002 Datasheet
88Kb / 2P
LGA 1156 Pan Screw for Desktop PC, 6.35mm (.250") Thread, Lead-free
logo
International Rectifier
IRF9Z24NPBF IRF-IRF9Z24NPBF_15 Datasheet
511Kb / 9P
Lead-Free
logo
Seoul Semiconductor
SSC-SZG05A0A SEOUL-SSC-SZG05A0A Datasheet
810Kb / 21P
Lead Free product
SMJE-XD08W4PD SEOUL-SMJE-XD08W4PD Datasheet
1Mb / 25P
Lead Free Product
logo
Anaren Microwave
X3DC18P1S ANAREN-X3DC18P1S Datasheet
460Kb / 6P
Lead Free
logo
Amphenol Corporation
G09-113130XLF AMPHENOL-G09-113130XLF Datasheet
581Kb / 1P
lead free
logo
List of Unclassifed Man...
H5AN4G4NBJR ETC2-H5AN4G4NBJR Datasheet
716Kb / 48P
Lead-Free&Halogen-Free
Rev. 1.7 Mar. 2018
H5AN8G4NCJR ETC2-H5AN8G4NCJR Datasheet
844Kb / 47P
Lead-Free&Halogen-Free
Rev. 1.5 Mar.2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com