Electronic Components Datasheet Search
  English  ▼

X  

SCRR0805SD Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # SCRR0805SD
Description  SCRR0805SD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0805SD Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  SCRR0805SD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DOCUMENT : CYNP-77-A03
REVISION
: B1
2
Current Sensing Resistor
Outline Drawing :
Dimensions
L
2.00 ± 0.10
W
1.25 ± 0.10
t
0.55 ± 0.10
a
R<30m: 0.40 ± 0.20
R≥30m: 0.50 ± 0.20
b
R<30m: 0.65 ± 0.20
R≥30m: 0.50 ± 0.20
Type Designation :
SCRR
0805
S
D
-
□ □ □ □ □
(1)
(2)
(3)
(4)
-
(5)
(6)
Note :
(1) Series No.
(2) Size
(3) S= Short terminal type
(4) Power Rating : D = 1/2W
(5) Resistance value:
The “R” shall be used as a decimal point, For example --
R010 = 0.01;
(6) Tolerance (%)
F=±1%, G=±2%, J=±5%
Unit: mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com