Electronic Components Datasheet Search
  English  ▼

X  

SCRR0805SD Datasheet(PDF) 3 Page - Cyntec Co., Ltd.

Part # SCRR0805SD
Description  SCRR0805SD Series Current Sensing Resistor (Lead / Halogen Free)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

SCRR0805SD Datasheet(HTML) 3 Page - Cyntec Co., Ltd.

  SCRR0805SD Datasheet HTML 1Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 2Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 3Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 4Page - Cyntec Co., Ltd. SCRR0805SD Datasheet HTML 5Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DOCUMENT : CYNP-77-A03
REVISION
: B1
3
Current Sensing Resistor
Recommend Land Pattern Dimensions :
Size
A
(mm)
B
(mm)
C
(mm)
t
(mm)
1220
0.8
2.80
1.40
0.105
t: Copper foil minimum thickness of PCB
Packaging :
Tape packaging dimensions
Tape packaging dimensions:
A0
1.45  0.10
F
3.50  0.05
B0
2.20  0.10
P1
4.00  0.10
T
0.20  0.10
W
8.00  0.30
K0
0.95  0.10
D0
φ1.55  0.05
Unit : mm
C
A
B
4.0±0.1
0.84 ± 0.1
D=3.5±0.05
C=1.75±0.1
Chip
0.75±0.1
B
A
4.0±0.1
8.0±0.3
D
C
Carrier cavity
Pulling direction
Unit : mm
Sprocket hole
2.0±0.05
A=1.65±0.2
B=2.4±0.2
1.5±0.1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com