Electronic Components Datasheet Search
  English  ▼

X  

1787467 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1787467
Description  Printed-circuit board connector - DMCV 1,5/ 9-G1F-3,5-LR P20THR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1787467 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1787467 Datasheet HTML 1Page - PHOENIX CONTACT 1787467 Datasheet HTML 2Page - PHOENIX CONTACT 1787467 Datasheet HTML 3Page - PHOENIX CONTACT 1787467 Datasheet HTML 4Page - PHOENIX CONTACT 1787467 Datasheet HTML 5Page - PHOENIX CONTACT 1787467 Datasheet HTML 6Page - PHOENIX CONTACT 1787467 Datasheet HTML 7Page - PHOENIX CONTACT 1787467 Datasheet HTML 8Page - PHOENIX CONTACT 1787467 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1787467
04/01/2020   Page 1 / 9
Printed-circuit board connector - DMCV 1,5/ 9-G1F-3,5-LR
P20THR - 1787467
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 8 A, rated voltage (III/2): 160 V, nominal cross section: 1.5 mm², number of
positions: 9, pitch: 3.5 mm, color: black, contact surface: Tin, mounting: THR soldering, pin layout: Linear
pinning, solder pin [P]: 2 mm
The figure shows a 10-pos. version
with 20 contacts
Your advantages
 Designed for integration into the SMT soldering process
 Vertical connection enables multi-row arrangement on the PCB
 Screwable flange for superior mechanical stability
 Automatic locking and intuitive release through Lock and Release operating lever in contrasting color
 Small component size for applications where space is at a premium
Key Commercial Data
Packing unit
50 pc
GTIN
GTIN
4046356597081
Technical data
Dimensions
Length [ l ]
10.6 mm
Width
38.5 mm
Pitch
3.5 mm
Dimension a
28 mm
Width [ w ]
38.5 mm
Height [ h ]
12 mm
Height
10 mm
Length of the solder pin
2 mm
Pin dimensions
0.8 x 0.8 mm


Similar Part No. - 1787467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787409 PHOENIX-1787409 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 3-G1F-3,5-LR P20THR
1787412 PHOENIX-1787412 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 4-G1F-3,5-LR P20THR
1787425 PHOENIX-1787425 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 5-G1F-3,5-LR P20THR
1787438 PHOENIX-1787438 Datasheet
165Kb / 9P
Printed-circuit board connector - DMCV 1,5/ 6-G1F-3,5-LR P20THR
1787441 PHOENIX-1787441 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 7-G1F-3,5-LR P20THR
More results

Similar Description - 1787467

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1787399 PHOENIX-1787399 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 2-G1F-3,5-LR P20THR
1787409 PHOENIX-1787409 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 3-G1F-3,5-LR P20THR
1787412 PHOENIX-1787412 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 4-G1F-3,5-LR P20THR
1787425 PHOENIX-1787425 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 5-G1F-3,5-LR P20THR
1787441 PHOENIX-1787441 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/ 7-G1F-3,5-LR P20THR
1787483 PHOENIX-1787483 Datasheet
71Kb / 4P
Printed-circuit board connector - DMCV 1,5/11-G1F-3,5-LR P20THR
1787535 PHOENIX-1787535 Datasheet
173Kb / 9P
Printed-circuit board connector - DMCV 1,5/16-G1F-3,5-LR P20THR
1787548 PHOENIX-1787548 Datasheet
70Kb / 4P
Printed-circuit board connector - DMCV 1,5/17-G1F-3,5-LR P20THR
1787564 PHOENIX-1787564 Datasheet
70Kb / 4P
Printed-circuit board connector - DMCV 1,5/19-G1F-3,5-LR P20THR
1787438 PHOENIX-1787438 Datasheet
165Kb / 9P
Printed-circuit board connector - DMCV 1,5/ 6-G1F-3,5-LR P20THR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com