Electronic Components Datasheet Search
  English  ▼

X  

1787467 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1787467
Description  Printed-circuit board connector - DMCV 1,5/ 9-G1F-3,5-LR P20THR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1787467 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1787467 Datasheet HTML 1Page - PHOENIX CONTACT 1787467 Datasheet HTML 2Page - PHOENIX CONTACT 1787467 Datasheet HTML 3Page - PHOENIX CONTACT 1787467 Datasheet HTML 4Page - PHOENIX CONTACT 1787467 Datasheet HTML 5Page - PHOENIX CONTACT 1787467 Datasheet HTML 6Page - PHOENIX CONTACT 1787467 Datasheet HTML 7Page - PHOENIX CONTACT 1787467 Datasheet HTML 8Page - PHOENIX CONTACT 1787467 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
https://www.phoenixcontact.com/pi/products/1787467
04/01/2020   Page 2 / 9
Printed-circuit board connector - DMCV 1,5/ 9-G1F-3,5-LR
P20THR - 1787467
Technical data
Dimensions
Pin spacing
5.50 mm
Length
10.6 mm
General
Range of articles
DMCV 1,5/..-G1F-THR
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
160 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
250 V
Connection in acc. with standard
EN-VDE
Nominal current IN
8 A
Maximum load current
8 A
Insulating material
LCP
Flammability rating according to UL 94
V0
Color
black
Number of positions
9
Standards and Regulations
Connection in acc. with standard
EN-VDE
CUL
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com