Electronic Components Datasheet Search
  English  ▼

X  

AP1053 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AP1053
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP1053 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AP1053 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1053 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC
TEST DATA
AP1053
FREQUENCY - MHz
10
50
100
150
300
450
600
800
1000 1100
10
50
100
150
300
450
600
800
1000 1100
10
50
100
150
300
450
600
800
1000 1100
10
50
100
150
300
450
600
800
1000 1100
10
50
100
150
300
450
600
800
1000 1100
Gain vs Temperature Vcc = 15
Noise Figure
K EY: + 25
°C
+85
°C
- 55
°C
FREQUENCY - MHz
27.0
25.0
23.0
21.0
19.0
Power Output at 1 dB Compression
80
70
60
50
40
30
Intercept Point Vcc = 15
FREQUENCY - MHz
FREQUENCY - MHz
3.0
2.0
1.0
0.0
IP 3
FREQUENCY - MHz
10
50
100
150
300
450
600
800
1000 1100
Gain Vcc = 12 & 10
13.0
12.0
11.0
10.0
9 .0
IP 2
70
60
50
40
30
Intercept Point Vcc = 12
FREQUENCY - MHz
IP 3
IP 2
+15 V
+12 V
+10 V
+15V & + 12V
+10 V
2nd HAR
2nd HAR
13.0
12.0
11.0
10.0
9 .0
Model: AP1053
Vcc= +15V
Icc= 105.37
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.66
1.18
10.50
-168
1.10
-17.8
50
1.57
1.09
10.50
176
1.10
-17.8
100
1.58
1.14
10.45
168
0.40
-17.8
200
1.62
1.28
10.43
156
0.35
-17.9
300
1.67
1.40
10.48
143
0.34
-17.9
400
1.71
1.50
10.60
131
0.34
-18.0
500
1.74
1.58
10.78
118
0.36
-17.9
600
1.75
1.61
11.01
105
0.37
-17.7
700
1.74
1.59
11.23
91
0.39
-17.5
800
1.74
1.52
11.40
75
0.43
-17.5
900
1.74
1.42
11.41
59
0.44
-17.4
1000
1.79
1.37
11.26
42
0.46
-17.4
1100
1.87
1.46
10.87
26
0.46
-17.7
LINEAR S-PARAMETERS
Model: AP1053
Vcc= +15V
Icc= 105.37
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.25
-19
3.35
-168.2
0.129
174.6
0.08
79.7
50
0.22
-5.7
3.35
175.6
0.129
172.9
0.04
74.5
100
0.22
-5.7
3.33
168.4
0.129
166.8
0.07
72.2
200
0.24
-8.8
3.32
155.7
0.127
154.7
0.12
62.7
300
0.25
-15.6
3.34
143.3
0.127
142.6
0.17
53.5
400
0.26
-25.6
3.39
131.0
0.126
131.2
0.20
44.7
500
0.27
-37.9
3.46
118.1
0.128
119.7
0.22
36.2
600
0.27
-54.0
3.55
104.8
0.130
108.1
0.23
27.6
700
0.27
-74.4
3.65
90.6
0.133
96.0
0.23
20.1
800
0.27
-99.3
3.72
75.1
0.134
83.1
0.21
15.8
900
0.27
-128.1
3.72
59.1
0.136
70.1
0.17
17.4
1000
0.28
-159.4
3.66
42.4
0.135
55.9
0.16
31.0
1100
0.30
169.2
3.50
25.8
0.131
42.3
0.19
47.1
1200
0.34
141
3.25
10.4
0.126
28.2
0.25
52.4
Model: AP1053
Vcc= +12V
Icc= 103.31
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.64
1.14
10.59
-169
1.10
-17.4
50
1.57
1.11
10.57
176
1.10
-17.2
100
1.57
.16
10.53
168
0.41
-17.3
200
1.62
1.27
110.50
155
0.36
-17.4
300
1.67
1.39
10.54
143
0.34
-17.4
400
1.72
1.48
10.65
131
0.35
-17.5
500
1.76
1.54
10.82
118
0.36
-17.4
600
1.77
1.57
11.03
104
0.37
-17.4
700
1.77
1.55
11.24
90
0.40
-17.2
800
1.76
1.49
11.39
74
0.43
-17.2
900
1.77
1.44
11.37
58
0.45
-17.1
1000
1.82
1.48
11.18
42
0.46
-17.3
1100
1.91
1.65
10.78
25
0.46
-17.6
LINEAR S-PARAMETERS
Model: AP1053
Vcc= +12V
Icc= 103.31
FREQ.
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
10
0.24
-18.6
3.39
-168.5
0.135
176.4
0.07
111.7
50
0.22
-5.3
3.38
175.5
0.137
172.8
0.05
129.7
100
0.22
-5.2
3.36
168.2
0.136
166.4
0.07
108.3
200
0.24
-8.4
3.35
155.4
0.135
153.6
0.12
83.2
300
0.25
-15.2
3.36
143.0
0.134
140.8
0.16
68.3
400
0.27
-25.4
3.41
130.5
0.133
128.7
0.19
57.0
500
0.28
-38.1
3.47
117.6
0.134
116.8
0.21
47.4
600
0.28
-54.7
3.56
104.1
0.136
104.7
0.22
39.0
700
0.28
-75.7
3.65
89.9
0.138
91.8
0.22
32.9
800
0.28
-101.2
3.71
74.4
0.138
78.4
0.20
31.4
900
0.28
-130.5
3.70
58.3
0.139
64.9
0.18
37.2
1000
0.29
-162.4
3.62
41.6
0.137
50.4
0.19
48.9
1100
0.31
166.2
3.46
25.0
0.132
36.7
0.25
56.0
1200
0.35
138.3
3.19
9.5
0.126
22.4
0.32
55.5
Model: AP1053
Vcc= +10V
Icc= 100.32
FREQ
SWR
SWR
GAIN
PHASE
DELAY
REV/ISO
MHZ
IN
OUT
DB
DEG
NSEC
DB
10
1.64
1.15
10.58
-169
1.10
-17.1
50
1.57
1.16
10.54
175
1.10
-17.0
100
1.58
1.19
10.49
168
0.41
-17.0
200
1.63
1.29
10.46
155
0.36
-17.1
300
1.69
1.39
10.50
143
0.35
-17.2
400
1.74
1.48
10.61
130
0.35
-17.2
500
1.78
1.54
10.78
117
0.36
-17.2
600
1.80
1.55
10.99
103
0.38
-17.1
700
1.80
1.54
11.17
89
0.40
-17.0
800
1.80
1.50
11.31
73
0.44
-17.0
900
1.82
1.50
11.26
57
0.45
-17.0
1000
1.88
1.60
11.03
40
0.46
-17.2
1100
1.97
1.82
10.59
24
0.46
-17.5
2005/2006
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
211



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com