Electronic Components Datasheet Search
  English  ▼

X  

AP1053 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AP1053
Description  10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AP1053 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AP1053 Datasheet HTML 1Page - List of Unclassifed Manufacturers AP1053 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev. 10/01
10 TO 1000 MHz
TO-8 CASCADABLE AMPLIFIER
AP1053
AP1053
50 OHM INPUT
+DC VOLTAGE
0.031 (0.79)
50 OHM OUTPUT
GROUND
45
° ± 3°
0.033 (0.84)
0.018
± 0.002
(0.46
± 0.05)
(4) PLCS
0.300
(7.62)
DIA. B.C.
0.504 (12.80)
DIA.
0.025
(0.64)
0.450 (11.43)
DIA.
0.208 (5.28)
MAX.
0.185
± 0.015
(4.70
± 0.38)
DIA. PIN
0
50
Ω INPUT
0.250
(6.35)
0.450
(11.43)
0
0.075
(1.91)
0.350
(8.89)
0.200
(5.08)
0.450
(11.43)
50
Ω OUTPUT
0.040
± 0.012
(1.02
± 0.30)
(4) PLCS
DC BIAS
0.016
± 0.002
(0.41
± 0.05)
(4) PLCS
GND
0.050
(1.27)
(4) PLCS
0.100
(2.54)
(4) PLCS
0.010
(0.25)
0.008
± 0.001
(0.20
± 0.03)
0.170
(4.32)
(TYP.)
0.031
(0.79)
0.031
(0.79)
45
°
0.016
± 0.002
0.010
± 0.002
0.008
0.012
SEE
DETAIL "A"
DETAIL A
(NO SCALE)
TO-8 Package for Amplifiers
SMTO-8 Package for Amplifiers
SPECIFICATIONS*
Typical Values
AP1053
Low Noise . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.5 dB
High Output Level. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+23.0 dBm
High Second Order I.P. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+52.0 dBm
High Dynamic Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
94 dB
High Efficiency
High Performance Thin Film
Standard Size TO-8
Small Signal Gain (Min.)
10-450 MHz
10.5 dB
10.0 dB
9.0 dB
450-1000 MHz
11.0 dB
10.5 dB
10.0 dB
Gain Flatness (Max.)
10-450 MHz
±0.2 dB
±0.4 dB
±0.5 dB
450-1000 MHz
±0.5 dB
±0.8 dB
±1.0 dB
Noise Figure (Max.)
50-1000 MHz
1.5^ dB
2.5^ dB
3.0^ dB
SWR (Max.)
Input/Output
<1.7:1
1.9:1
2.0:1
Power Output (Min.)
@ 1dB comp.
+26.0† dBm
+25.0† dBm
+24.5† dBm
DC Current (Max.)
100 mA
110.0 mA
115.0 mA
Guaranteed
Parameter
Typical
0 to 50° C
-55 to +85° C
Frequency (Min.)
10-1000 MHz
10-1000 MHz
10-1000 MHz
Typical @ 25° C
+12 Volts
+15 Volts
Second Order Harmonic Intercept Point . . . . .
+61 dBm
+64 dBm
Second Order Two Tone Intercept Point. . . . . .
+55 dBm
+58 dBm
Third Order Two Tone Intercept Point. . . . . . . .
+38 dBm
+39 dBm
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
-62 to 125° C
Maximum Case Temperature . . . . . . . . . . . . . . . . . . . . . . . .
+125° C
Maximum DC Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+17 Volts
Maximum Continuous RF Input Power . . . . . . . . . . . . . . . .
+17 dBm
Maximum Short Term Input Power (1 Minute Max.) . . . . . .
100 Milliwatts
Maximum Peak Power (3 µsec Max.) . . . . . . . . . . . . . . . . . .
0.5 Watt
Burn-in Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
+100° C
Thermal Resistance1 (
θjc) . . . . . . . . . . . . . . . . . . . . . . . . . .
+23° C/Watt
Junction Temperature Rise Above Case (Tjc) . . . . . . . . . .
+34.2° C
1 Thermal resistance is based on total power dissipation.
INTERMODULATION PERFORMANCE
ABSOLUTE MAXIMUM RATINGS
APS1053
* Measured in a 50-ohm system at +15 Vdc unless otherwise specified.
^ 2.0 dB higher below 200 MHz.
† 2.0 dBm lower below 50 MHz.
DIMENSIONS ARE IN INCHES (MILLIMETERS)
210
408-522-3838 • Fax: 408-522-3839 • Check for updates: www.cougarcorp.com
2005/2006


Similar Part No. - AP1053

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
AP1053 TELEDYNE-AP1053 Datasheet
167Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
More results

Similar Description - AP1053

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AC1019 ETC-AC1019 Datasheet
111Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1051 ETC-AP1051 Datasheet
110Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
LA17 ETC1-LA17 Datasheet
220Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE LIMITING AMPLIFIER
logo
Tyco Electronics
A12 MACOM-A12_1 Datasheet
371Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A19-1 MACOM-A19-1_1 Datasheet
364Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Teledyne Technologies I...
AC1017 TELEDYNE-AC1017 Datasheet
176Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1051 TELEDYNE-AP1051 Datasheet
160Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1053 TELEDYNE-AP1053 Datasheet
167Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1059 TELEDYNE-AP1059 Datasheet
129Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
AP1060 TELEDYNE-AP1060 Datasheet
177Kb / 2P
10 TO 1000 MHz TO-8 CASCADABLE AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com