Electronic Components Datasheet Search
  English  ▼

X  

AME78082JCSZ Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AME78082JCSZ
Description  1A Positive Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME78082JCSZ Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AME78082JCSZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 9Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 10Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 11Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 12Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 13Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
AME, Inc.
13
AME78XX
1A Positive Linear Regulator
n Package Dimension
TO-220
TO-252
MIN
MAX
MIN
MAX
A
5.58
7.49
0.2197
0.2949
C
2.03
4.83
0.0800
0.1902
D
0.50
1.40
0.0197
0.0550
E
0.30
1.15
0.0118
0.0453
G
9.65
10.67
0.3799
0.4200
I
3.53
4.09
0.1390
0.1610
K
0.50
1.15
0.0197
0.0453
M
1.14
1.78
0.0449
0.0700
N
2.28
2.80
0.0898
0.1102
O
12.70
14.74
0.5000
0.5803
P
14.22
16.51
0.5600
0.6500
SYMBOLS
MILLIMETERS
INCHES
Top View
Side View
G
I
P
O
M
N
K
D
E
C
A
C
G
F
L
Top View
Side View
E
K
B
A
D
H
J
MIN
MAX
MIN
MAX
A
0.43
0.58
0.0169
0.0230
B
1.60
1.95
0.0630
0.0768
C
0.51
1.78
0.0200
0.0701
D
0.43
0.60
0.0169
0.0236
E
6.35
6.80
0.2500
0.2677
F
5.36
7.20
0.2110
0.2835
G
2.20
3.00
0.0866
0.1181
H
-
* 2.30
-
*0.0906
J
-
0.97
-
0.0380
K
5.20
5.50
0.2047
0.2165
L
1.40REF
0.055REF
SYMBOLS
MILLIMETERS
INCHES
*: Typical Value
Notes:
1. Controlling dimension: Millimeters.
2. Maximum lead thickness includes lead finish thickness Mini-
mum lead thickness is the minimum thickness of base material.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com