Electronic Components Datasheet Search
  English  ▼

X  

AME78082JCSZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AME78082JCSZ
Description  1A Positive Linear Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AME78082JCSZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AME78082JCSZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AME78082JCSZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AME, Inc.
2
1A Positive Linear Regulator
AME78XX
n
Pin Configuration
TO-252
Top View
TO-220
Front View
AME78XXAJCS
1. V
IN
2. GND
3. V
OUT
AME78XXAJBT
1. V
IN
2. GND
3. V
OUT
AMExxxx
1
AME78xx
2
3
1
3
2
AME78XX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com