Electronic Components Datasheet Search
  English  ▼

X  

PFR05 Datasheet(PDF) 1 Page - Cyntec Co., Ltd.

Part # PFR05
Description  1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR05 Datasheet(HTML) 1 Page - Cyntec Co., Ltd.

  PFR05 Datasheet HTML 1Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 2Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 3Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 4Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 5Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 6Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 7Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOCUMENT: RH-1NH
REVISION: A0
1
Chip Resistor
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
Lead-free, Halogen free.
Telecommunication Equipment, Digital Cameras,
Watches, Pocket Calculators, Computers, Instruments.
RoHS compliant
Electrical Specifications :
Power
Rating*
Resistance
Values Series
Resistance
Tolerance
Resistance
Range ()
Temperature
Coefficient of
Resistance
ppm /℃(Code)
Operating
Temperature
Range
Max.
Operating
Voltage**
1/16W
E24 series &
E96 series
± 0.5%(D)
10~97.6
± 100 (R)
-55℃ to 125℃
50V
100~1M
± 50 (Q)
1K~1.8M
± 25 (P)
± 1.0%(F)
1.0~9.76
0~500 (S)
10~97.6
1.02M~10M
± 100 (R)
100~1M
± 50 (Q)
10~10M
± 200 (S)
E24 series
± 5.0%(J)
1.0~9.1
0~500 (S)
10~10M
± 200 (S)
Jumper
Resistance
Rated current
Operating Temperature
Range
Below 50mΩ
1A
-55℃ to 125℃
Note: *Package Power Temperature Derating Curve
Figure 1.:Power Temperature Derating Curve
Note: **Resistors shall have a rated DC or AC(rms.) continuous operating voltage corresponding to
the power rating, as calculated from the following formula
R
P
V
Where
V
: Rated voltage (V)
P
: Rated power (W)
R
: Nominal resistance ()
If the voltage so obtained exceeds the maximum operating voltage, this maximum voltage shall be the rated
voltage.
Features / Applications :
AMBIENT TEMPERATURE(℃)
0
-55
70
125
100


Similar Part No. - PFR05

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PFR05 ETC2-PFR05 Datasheet
59Kb / 1P
PFR/GFR series, Thick Film chip resistors
PFR05R-102-D ETC2-PFR05R-102-D Datasheet
59Kb / 1P
PFR/GFR series, Thick Film chip resistors
PFR05R-102-D-1-T15 ETC2-PFR05R-102-D-1-T15 Datasheet
59Kb / 1P
PFR/GFR series, Thick Film chip resistors
PFR05R-102-D-2-T15 ETC2-PFR05R-102-D-2-T15 Datasheet
59Kb / 1P
PFR/GFR series, Thick Film chip resistors
More results

Similar Description - PFR05

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
RLT0510-1-R075F DELTA-RLT0510-1-R075F Datasheet
99Kb / 9P
1/16W, 0402, Low Resistance Chip Resistor (Lead / Halogen Free)
logo
DAESAN ELECTRONIC CORP.
RL1005-1-R075F DAESAN-RL1005-1-R075F Datasheet
180Kb / 8P
1/16W, 0402 Low Resistance Chip Resistor (Lead / Halogen free)
logo
Cyntec Co., Ltd.
RR0203S CYNTEC-RR0203S Datasheet
1,004Kb / 8P
1/50W, 03015, Thick Film Chip Resistor (Lead / Halogen Free)
RR0204S CYNTEC-RR0204S Datasheet
1Mb / 8P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
RR0204SE CYNTEC-RR0204SE Datasheet
990Kb / 9P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
RR0306 CYNTEC-RR0306 Datasheet
961Kb / 8P
1/20W, 0201, Thick Film Chip Resistor (Lead / Halogen Free)
RR0306SE CYNTEC-RR0306SE Datasheet
909Kb / 8P
1/20W, 0201, Thick Film Chip Resistor (Lead / Halogen Free)
RR0510 CYNTEC-RR0510 Datasheet
937Kb / 8P
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
RR0510SE CYNTEC-RR0510SE Datasheet
917Kb / 8P
1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
PFR02S CYNTEC-PFR02S Datasheet
1Mb / 8P
1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com