Electronic Components Datasheet Search
  English  ▼

X  

PFR05 Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # PFR05
Description  1/16W, 0402, High Precision Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR05 Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  PFR05 Datasheet HTML 1Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 2Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 3Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 4Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 5Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 6Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 7Page - Cyntec Co., Ltd. PFR05 Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DOCUMENT: RH-1NH
REVISION: A0
2
Chip Resistor
Dimensions
Code Letter
Dimension
L
1.00  0.05
W
0.50  0.05
t
0.35  0.05
a
0.20  0.10
b
0.25  0.10
Type Designation :
PFR05
X
-
XXXX
-
X
NH
(1)
(2)
(3)
(4)
(5)
Note:
(1) Series No.
(2) TCR : X= Jumper
Resistor refer to paragraph 2
(3) Resistance value : 103 = 10k (E24) ; 1131 =1.13k (E96)
(4) Tolerance: D= ±0.5%, F = ±1%, J = ±5%
(5) NH=Lead free, Halogen free
Outline Drawing :
L
W
a
a
t
b
Unit: mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com