Electronic Components Datasheet Search
  English  ▼

X  

MPX2010DP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MPX2010DP
Description  10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2010DP Datasheet(HTML) 4 Page - NXP Semiconductors

  MPX2010DP Datasheet HTML 1Page - NXP Semiconductors MPX2010DP Datasheet HTML 2Page - NXP Semiconductors MPX2010DP Datasheet HTML 3Page - NXP Semiconductors MPX2010DP Datasheet HTML 4Page - NXP Semiconductors MPX2010DP Datasheet HTML 5Page - NXP Semiconductors MPX2010DP Datasheet HTML 6Page - NXP Semiconductors MPX2010DP Datasheet HTML 7Page - NXP Semiconductors MPX2010DP Datasheet HTML 8Page - NXP Semiconductors MPX2010DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
MPX2010
Sensors
4
Freescale Semiconductor
Pressure
On-Chip Temperature Compensation and Calibration
Figure 2. shows the output characteristics of the MPX2010
series at 25
°C. The output is directly proportional to the
differential pressure and is essentially a straight line.
The effects of temperature on full scale span and offset are
very small and are shown under Operating Characteristics.
This performance over temperature is achieved by having
both the shear stress strain gauge and the thin-film resistor
circuitry on the same silicon diaphragm. Each chip is
dynamically laser trimmed for precise span and offset
calibration and temperature compensation.
Figure 3. illustrates the differential/gauge die in the basic
chip carrier (Case 344). A silicone gel isolates the die surface
and wire bonds from the environment, while allowing the
pressure signal to be transmitted to the silicon diaphragm.
The MPX2010 series pressure sensor operating
characteristics and internal reliability and qualification tests
are based on use of dry air as the pressure media. Media
other than dry air may have adverse effects on sensor
performance and long term reliability. Contact the factory for
information regarding media compatibility in your application.
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: Vout = Voff + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 4.) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user.
Freescale’s specified pressure sensor linearities are based
on the end point straight line method measured at the
midrange pressure.
Figure 2. Output vs. Pressure Differential
Figure 3. Unibody Package: Cross Sectional Diagram
(not to scale)
Figure 4. Linearity Specification Comparison
Offset
(Typical)
kPa
PSI
2.5
0.362
5
0.725
7.5
1.09
10
1.45
Span
Range
(Typical)
VS = 10 Vdc
TA = 25°C
P1 > P2
30
25
20
15
10
5
0
–
5
TYP
aMAX
MIN
Silicone
Die Coat
Die
P1
P2
Wire Bond
Lead Frame
RTV Die
Bond
Epoxy
Case
Stainless Steel
Metal Cover
Least
Square
Deviation
Pressure (% Full Scale)
0
50
100
End Point Straight
Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Offset
Straight Line
Deviation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com