Electronic Components Datasheet Search
  English  ▼

X  

MPX2010DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX2010DP
Description  10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX2010DP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX2010DP Datasheet HTML 1Page - NXP Semiconductors MPX2010DP Datasheet HTML 2Page - NXP Semiconductors MPX2010DP Datasheet HTML 3Page - NXP Semiconductors MPX2010DP Datasheet HTML 4Page - NXP Semiconductors MPX2010DP Datasheet HTML 5Page - NXP Semiconductors MPX2010DP Datasheet HTML 6Page - NXP Semiconductors MPX2010DP Datasheet HTML 7Page - NXP Semiconductors MPX2010DP Datasheet HTML 8Page - NXP Semiconductors MPX2010DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
MPX2010
Rev 13, 10/2008
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2008. All rights reserved.
Pressure
+
10 kPa On-Chip Temperature
Compensated and Calibrated
Silicon Pressure Sensors
The MPX2010 series silicon piezoresistive pressure sensors provide a very
accurate and linear voltage output directly proportional to the applied pressure.
These sensors house a single monolithic silicon die with the strain gauge and
thin film resistor network integrated. The sensor is laser trimmed for precise
span, offset calibration and temperature compensation.
Features
• Temperature Compensated over 0
°C to +85°C
• Ratiometric to Supply Voltage
• Differential and Gauge Options
• Available in Easy-to-Use Tape & Reel
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Small Outline Package (MPXV2010 Series)
MPXV2010GP
Tray
1369
•
•
MPXV2010GP
MPXV2010DP
Tray
1351
•
•
MPXV2010DP
Unibody Package (MPX2010 Series)
MPX2010D
Tray
344
•
•
MPX2010D
MPX2010DP
Tray
344C
•
•
MPX2010DP
MPX2010GP
Tray
344B
•
•
MPX2010GP
MPX2010GS
Tray
344E
•
•
MPX2010D
MPX2010GSX
Tray
344F
•
•
MPX2010D
MPAK Package (MPXM2010 Series)
MPXM2010D
Rail
1320
•
•
MPXM2010D
MPXM2010DT1
Tape and Reel
1320
•
•
MPXM2010D
MPXM2010GS
Rail
1320A
•
•
MPXM2010GS
MPXM2010GST1
Tape and Reel
1320A
•
•
MPXM2010GS
MPX2010
Series
0 to 10 kPa (0 to 1.45 psi)
25 mV Full Scale
(Typical)
Application Examples
• Respiratory Diagnostics
• Air Movement Control
• Controllers
• Pressure Switching
UNIBODY PACKAGES
SMALL OUTLINE PACKAGES
MPXV2010GP
CASE 1369-01
MPXV2010DP
CASE 1351-01
MPX2010D
CASE 344-15
MPX2010GP
CASE 344B-01
MPX2010DP
CASE 344C-01
MPX2010GS
CASE 344E-01
MPX2010GSX
CASE 344F-01
MPXM2010D/DT1
CASE 1320-02
MPXM2010GS/GST1
CASE 1320A-02
MPAK PACKAGES


Similar Part No. - MPX2010DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010DP MOTOROLA-MPX2010DP Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPX2010DP MOTOROLA-MPX2010DP Datasheet
6Mb / 670P
Sensor
logo
Freescale Semiconductor...
MPX2010DP FREESCALE-MPX2010DP Datasheet
358Kb / 14P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010DP FREESCALE-MPX2010DP Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results

Similar Description - MPX2010DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2010 MOTOROLA-MPX2010 Datasheet
314Kb / 12P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
MPXM2010 MOTOROLA-MPXM2010 Datasheet
91Kb / 8P
10 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
logo
Freescale Semiconductor...
MPMZ2202 FREESCALE-MPMZ2202 Datasheet
108Kb / 7P
200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2010 FREESCALE-MPX2010 Datasheet
358Kb / 14P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXM2010 FREESCALE-MPXM2010 Datasheet
259Kb / 9P
10 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2010 FREESCALE-MPX2010_08 Datasheet
352Kb / 17P
10 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com