Electronic Components Datasheet Search
  English  ▼

X  

1757035 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1757035
Description  IC 2,5/ 4-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757035 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1757035 Datasheet HTML 1Page - PHOENIX CONTACT 1757035 Datasheet HTML 2Page - PHOENIX CONTACT 1757035 Datasheet HTML 3Page - PHOENIX CONTACT 1757035 Datasheet HTML 4Page - PHOENIX CONTACT 1757035 Datasheet HTML 5Page - PHOENIX CONTACT 1757035 Datasheet HTML 6Page - PHOENIX CONTACT 1757035 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IC 2,5/ 4-ST-5,08 Order No.: 1786190
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786190
PHOENIX CONTACT Inc., USA
Page 4 / 7
http://www.phoenixcon.com
Mar 5, 2010
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1803882
KGG-MSTB 2,5/ 4
Cable housing, Number of positions: 4, Dimension a: 20 mm,
Color: green
Marking
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1872716
A-ICV 2,5/ 4-G-5,08
Base strip, Nominal current: 12 A, Nominal voltage: 250 V,
Mounting type: DIN rail mounting, Number of positions: 4,
Pitch: 5.08 mm, Color: green
1873074
FKC 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Spring-
cage conn., Color: green
1902136
FKCT 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Spring-
cage conn., Color: green
1873977
FKCVR 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Spring-
cage conn., Color: green
1873676
FKCVW 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Spring-
cage conn., Color: green
1777303
FRONT-MSTB 2,5/ 4-ST-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 4, Connection type: Screw
connection, Color: green
1786420
IC 2,5/ 4-G-5,08
Header, Nominal current: 12 A, Nom. voltage: 320 V, Pitch: 5.08
mm, Number of positions: 4, Color: green, Assembly: Soldering



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com