Electronic Components Datasheet Search
  English  ▼

X  

1757035 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757035
Description  IC 2,5/ 4-ST-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757035 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757035 Datasheet HTML 1Page - PHOENIX CONTACT 1757035 Datasheet HTML 2Page - PHOENIX CONTACT 1757035 Datasheet HTML 3Page - PHOENIX CONTACT 1757035 Datasheet HTML 4Page - PHOENIX CONTACT 1757035 Datasheet HTML 5Page - PHOENIX CONTACT 1757035 Datasheet HTML 6Page - PHOENIX CONTACT 1757035 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 7
http://www.phoenixcon.com
Mar 5, 2010
Extract from the online
catalog
 
IC 2,5/ 4-ST-5,08
Order No.: 1786190
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1786190
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 4, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918042349
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.00719 KG
Catalog page information
Page 208 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
15.24 mm
Number of positions
4
Screw thread
M3


Similar Part No. - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757035 PHOENIX-1757035 Datasheet
185Kb / 6P
MDSTB 2,5/ 4-G1-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 7P
MSTB 2,5/ 4-ST-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTBV 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
150Kb / 6P
MSTB 2,5/ 4-G-5,08
1757035 PHOENIX-1757035 Datasheet
148Kb / 6P
MSTB 2,5/ 4-G-5,08-LA
More results

Similar Description - 1757035

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1786174 PHOENIX-1786174 Datasheet
146Kb / 7P
IC 2,5/ 2-ST-5,08
1786187 PHOENIX-1786187 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1786200 PHOENIX-1786200 Datasheet
175Kb / 7P
IC 2,5/ 5-ST-5,08
1786213 PHOENIX-1786213 Datasheet
147Kb / 7P
IC 2,5/ 6-ST-5,08
1786239 PHOENIX-1786239 Datasheet
147Kb / 7P
IC 2,5/ 8-ST-5,08
1786255 PHOENIX-1786255 Datasheet
146Kb / 7P
IC 2,5/10-ST-5,08
1815950 PHOENIX-1815950 Datasheet
52Kb / 3P
IC 2,5/ 4-ST-5,08 WH
1786268 PHOENIX-1786268 Datasheet
151Kb / 7P
IC 2,5/11-ST-5,08
1786271 PHOENIX-1786271 Datasheet
146Kb / 7P
IC 2,5/12-ST-5,08
1920972 PHOENIX-1920972 Datasheet
96Kb / 2P
IC 2,5/ 5-ST-5,08 BK
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com