Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 0803906
Description  MSTB 2,5/10-STF-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT 0803906 Datasheet HTML 6Page - PHOENIX CONTACT 0803906 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MSTB 2,5/10-STF-5,08 Order No.: 1778069
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1778069
PHOENIX CONTACT Deutschland GmbH
Page 6 / 7
http://www.phoenixcontact.de
Mar 4, 2010
1788004
UMSTBVK 2,5/10-GF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 320 V,
Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw
connection, Assembly: DIN rail, Color: green
1873016
ZFKK 1,5-MSTBV-5,08
Feed-through modular terminal block, Connection method: Special
and hybrid connection, MSTB plug entry, Cross section:  0.2
mm² - 2.5 mm², Width: 5.1 mm, Color: gray
Diagrams/Drawings
Dimensioned drawing



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com