Electronic Components Datasheet Search
  English  ▼

X  

0803906 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 0803906
Description  MSTB 2,5/10-STF-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0803906 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  0803906 Datasheet HTML 1Page - PHOENIX CONTACT 0803906 Datasheet HTML 2Page - PHOENIX CONTACT 0803906 Datasheet HTML 3Page - PHOENIX CONTACT 0803906 Datasheet HTML 4Page - PHOENIX CONTACT 0803906 Datasheet HTML 5Page - PHOENIX CONTACT 0803906 Datasheet HTML 6Page - PHOENIX CONTACT 0803906 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 7
http://www.phoenixcontact.de
Mar 4, 2010
Extract from the online
catalog
 
MSTB 2,5/10-STF-5,08
Order No.: 1778069
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1778069
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 10, Connection type: Screw
connection, Color: green
 
Commercial data
EAN
4017918039936
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01811 KG
Catalog page information
Page 199 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
45.72 mm
Number of positions
10
Screw thread
M3


Similar Part No. - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0803906 PHOENIX-0803906 Datasheet
50Kb / 2P
Marker cards - SK U/3,8 WH:UNBEDRUCKT
0803906 PHOENIX-0803906 Datasheet
147Kb / 6P
FRONT 2,5-H/SA 5
0803906 PHOENIX-0803906 Datasheet
179Kb / 6P
FRONT 4-H-7,62
0803906 PHOENIX-0803906 Datasheet
142Kb / 4P
MKDS 3/ 4 BK
0803906 PHOENIX-0803906 Datasheet
161Kb / 7P
MKDS 3/ 2
More results

Similar Description - 0803906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777989 PHOENIX-1777989 Datasheet
150Kb / 6P
MSTB 2,5/ 2-STF-5,08
1778124 PHOENIX-1778124 Datasheet
152Kb / 7P
MSTB 2,5/16-STF-5,08
1876628 PHOENIX-1876628 Datasheet
127Kb / 5P
MSTB 2,5/ 5-STF-5,08 AU
1961973 PHOENIX-1961973 Datasheet
124Kb / 5P
MSTB 2,5/ 3-STF-5,08 BK
1777918 PHOENIX-1777918 Datasheet
157Kb / 6P
FRONT-MSTB 2,5/14-STF-5,08
1832730 PHOENIX-1832730 Datasheet
96Kb / 2P
MSTB 2,5/16-STF-5,08 AU
1970045 PHOENIX-1970045 Datasheet
127Kb / 4P
FRONT-MSTB 2,5/10-STF-5,08 BK
1806410 PHOENIX-1806410 Datasheet
103Kb / 3P
MSTB 2,5/ 8-STF-5,08 BK
1879191 PHOENIX-1879191 Datasheet
96Kb / 2P
MSTB 2,5/ 3-STF-5,08 AU
1795637 PHOENIX-1795637 Datasheet
406Kb / 13P
MSTB 2,5/10-STF-5,08 EX - PCB connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com