Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1757022
Description  MDSTB 2,5/ 3-G-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT 1757022 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MDSTB 2,5/ 3-G-5,08 Order No.: 1762075
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762075
PHOENIX CONTACT GmbH & Co. KG
Page 4 / 7
http://www.phoenixcontact.de
Mar 24, 2008
1777293
FRONT-MSTB 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1777811
FRONT-MSTB 2,5/ 3-STF-5,08
Plug with screw flange, nominal current: 12 A, rated voltage: 250
V, pitch: 5,08 mm, no. of positions: 3, type of connection: Screw
connection
1786417
IC 2,5/ 3-G-5,08
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08
mm, number of positions: 3, mounting type: soldering
1785955
ICV 2,5/ 3-G-5,08
Header, nominal current: 12 A, rated voltage: 320 V, pitch: 5.08
mm, number of positions: 3, mounting type: soldering
1757022
MSTB 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1777992
MSTB 2,5/ 3-STF-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1776168
MSTB 2,5/ 3-STZ-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1808829
MSTBC 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 320 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Crimp
connection
1809514
MSTBC 2,5/ 3-STZ-5,08
Plug component, nominal current: 12 A, rated voltage: 320 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Crimp
connection
1809747
MSTBC 2,5/ 3-STZF-5,08
Plug component, nominal current: 12 A, rated voltage: 320 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Crimp
connection
1769023
MSTBP 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1779990
MSTBT 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1805314
MSTBT 2,5/ 3-STF-5,08
Plug with T-shape and screw flange, nominal current: 12 A,
rated voltage: 250 V, pitch: 5.08 mm, no. of positions: 3, type of
connection: Screw connection
1792252
MVSTBR 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection
1835106
MVSTBR 2,5/ 3-STF-5,08
Plug with screw flange, nominal current: 12 A, rated voltage: 250
V, pitch: 5,08 mm, no. of positions: 3, type of connection: Screw
connection
1792760
MVSTBW 2,5/ 3-ST-5,08
Plug component, nominal current: 12 A, rated voltage: 250 V,
pitch: 5.08 mm, no. of positions: 3, type of connection: Screw
connection



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com