Electronic Components Datasheet Search
  English  ▼

X  

1757022 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1757022
Description  MDSTB 2,5/ 3-G-5,08
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1757022 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1757022 Datasheet HTML 1Page - PHOENIX CONTACT 1757022 Datasheet HTML 2Page - PHOENIX CONTACT 1757022 Datasheet HTML 3Page - PHOENIX CONTACT 1757022 Datasheet HTML 4Page - PHOENIX CONTACT 1757022 Datasheet HTML 5Page - PHOENIX CONTACT 1757022 Datasheet HTML 6Page - PHOENIX CONTACT 1757022 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PHOENIX CONTACT GmbH & Co. KG
Page 1 / 7
http://www.phoenixcontact.de
Mar 24, 2008
Extract from the online
catalog
 
MDSTB 2,5/ 3-G-5,08
Order No.: 1762075
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1762075
 
 
Header, nominal current: 10 A, rated voltage: 250 V, pitch: 5.08 mm,
no. of positions: 3, mounting: Soldering
 
Commercial data
EAN
4017918030995
Pack
50 Pcs.
Customs tariff
85366990
Weight/Piece
0.005 KG
Catalog page information
Page 226 (CC-2007)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
10.16 mm
Number of positions
3
Pin dimensions
1 x 1 mm
Hole diameter
1.4 mm


Similar Part No. - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1757022 PHOENIX-1757022 Datasheet
149Kb / 7P
MSTB 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
150Kb / 6P
MSTB 2,5/ 3-G-5,08
1757022 PHOENIX-1757022 Datasheet
146Kb / 7P
IC 2,5/ 3-ST-5,08
1757022 PHOENIX-1757022 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1757022 PHOENIX-1757022 Datasheet
176Kb / 7P
MDSTBV 2,5/ 3-G-5,08
More results

Similar Description - 1757022

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1762062 PHOENIX-1762062 Datasheet
175Kb / 7P
MDSTB 2,5/ 2-G-5,08
1762376 PHOENIX-1762376 Datasheet
185Kb / 6P
MDSTB 2,5/ 3-G1-5,08
1762185 PHOENIX-1762185 Datasheet
57Kb / 4P
Printed-circuit board connector - MDSTB 2,5/ 3-G-5,08 AU
1842584 PHOENIX-1842584 Datasheet
89Kb / 5P
Base strip - MDSTB 2,5/ 9-G-5,08
1842542 PHOENIX-1842542 Datasheet
120Kb / 5P
Housing - MDSTB 2,5/ 5-G-5,08
1842568 PHOENIX-1842568 Datasheet
87Kb / 5P
Housing - MDSTB 2,5/ 7-G-5,08
1844977 PHOENIX-1844977 Datasheet
89Kb / 5P
Housing - MDSTB 2,5/ 6-G-5,08
1872130 PHOENIX-1872130 Datasheet
57Kb / 4P
Printed-circuit board connector - MDSTB 2,5/ 3-G-5,08 BU
1762114 PHOENIX-1762114 Datasheet
98Kb / 3P
Printed-circuit board connector - MDSTB 2,5/ 3-G-5,08 BK
11/04/2018
1840052 PHOENIX-1840052 Datasheet
537Kb / 15P
PCB header - MDSTB 2,5/ 8-G-5,08
Jan 10, 2023
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com