Electronic Components Datasheet Search
  English  ▼

X  

MIC2219 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2219
Description  Dynamically Adjustable Dual uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2219 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2219 Datasheet HTML 1Page - Micrel Semiconductor MIC2219 Datasheet HTML 2Page - Micrel Semiconductor MIC2219 Datasheet HTML 3Page - Micrel Semiconductor MIC2219 Datasheet HTML 4Page - Micrel Semiconductor MIC2219 Datasheet HTML 5Page - Micrel Semiconductor MIC2219 Datasheet HTML 6Page - Micrel Semiconductor MIC2219 Datasheet HTML 7Page - Micrel Semiconductor MIC2219 Datasheet HTML 8Page - Micrel Semiconductor MIC2219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
April 2005
1
M9999-042105
MIC2219
Micrel, Inc.
MIC2219
Dynamically Adjustable Dual
µCap LDO
General Description
The MIC2219 is a dual µCap low dropout regulator. The first
regulator is capable of sourcing 150mA, while the second
regulator can source up to 300mA.
Ideal for battery operated applications, the MIC2219 offers
1% accuracy, extremely low dropout voltage (80mV @
100mA), and extremely low ground current, only 48µA total.
Equipped with TTL logic compatible enable pins, the MIC2219
can be put into a zero-off-mode current state, drawing no
current when disabled. Separate enable pins allow individual
control of each output voltage.
The additional feature incorporated in the MIC2219 is bring-
ing out the feedback nodes to two external pins, allowing for
dynamic adjustment of the LDO output voltages.
The MIC2219 is a µCap design, operating with very small
ceramic output capacitors for stability, reducing required
board space and component cost.
The MIC2219 is available in fixed output voltages in the
10-pin 3mm × 3mm MLF™ leadless package.
Typical Application
VIN
EN1
OFF ON
OFF ON
EN2
CBYP
FB1
FB2
VOUT1
LEDs ×10
VOUT2
0.01µF
1µF
Ceramic
1µF
Vibrator
Motor
GND
MIC2219-xxBML
MIC2219 Typical Cell Phone Application
Features
•Input voltage range: 2.25V to 5.5V
•Stable with ceramic output capacitor
•2 LDO outputs
Output 1 - 150mA output current
Output 2 - 300mA output current
• Feedback pins externally accessible
• Low dropout voltage of 80mV @ 100mA
• Ultra-low quiescent current of 48
µA total (24µA/LDO)
•High output accuracy:
+1.0% initial accuracy
+2.0% over temperature
• Thermal shutdown protection
• Current limit protection
• Tiny 10-pin 3mm ×
×
×
×
× 3mm MLF™ package
Applications
• Cellular phones
•Wireless modems
• PDAs
• LEDs
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.


Similar Part No. - MIC2219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210 MICREL-MIC2210 Datasheet
1,005Kb / 11P
Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.5/2.8BML MICREL-MIC2210-1.5/2.8BML Datasheet
1,005Kb / 11P
Dual 關Cap LDO with Open-Drain Driver
MIC2210-1.6YML MICREL-MIC2210-1.6YML Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
MIC2210-1.8 MICREL-MIC2210-1.8 Datasheet
744Kb / 12P
Dual Cap LDO with Open-Drain Driver
More results

Similar Description - MIC2219

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
Dual UCap LDO in 3mm 횞 3mm MLF?
MIC2212 MICREL-MIC2212 Datasheet
205Kb / 10P
Dual uCap LDO and Power-On Reset
MIC5256 MICREL-MIC5256 Datasheet
115Kb / 11P
150mA UCap LDO with Error Flag
MIC5254 MICREL-MIC5254 Datasheet
160Kb / 11P
DUAL 150MA UCAP LDO WITH ERROR FLAG OUTPUTS
MIC5264 MICREL-MIC5264 Datasheet
327Kb / 10P
150mA UCap Dual LDO Regulator
MIC5265 MICREL-MIC5265 Datasheet
262Kb / 11P
150mA uCap LDO Regulator
MIC37500 MICREL-MIC37500 Datasheet
46Kb / 8P
5A, Low voltage uCap LDO REgulator
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5307 MICREL-MIC5307 Datasheet
295Kb / 8P
300mA Micropower uCap Baseband LDO
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com