Electronic Components Datasheet Search
  English  ▼

X  

MIC2219 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2219
Description  Dynamically Adjustable Dual uCap LDO
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2219 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2219 Datasheet HTML 1Page - Micrel Semiconductor MIC2219 Datasheet HTML 2Page - Micrel Semiconductor MIC2219 Datasheet HTML 3Page - Micrel Semiconductor MIC2219 Datasheet HTML 4Page - Micrel Semiconductor MIC2219 Datasheet HTML 5Page - Micrel Semiconductor MIC2219 Datasheet HTML 6Page - Micrel Semiconductor MIC2219 Datasheet HTML 7Page - Micrel Semiconductor MIC2219 Datasheet HTML 8Page - Micrel Semiconductor MIC2219 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MIC2219
Micrel, Inc.
M9999-042105
2
April 2005
Ordering Information
Part Number
Voltage*
Junction
Full Part Number
Standard
Pb-Free
(Vo1/Vo2)
Temp. Range
Package
MIC2219-3.0/3.3BML
MIC2219-PSBML
MIC2219-PSYML
3.0V/3.3V
–40°C to +125°C
10-Pin 3×3 MLF™
*For other output voltage options, contact Micrel marketing.
Pin Configuration
1
VIN
EN1
EN2
CBYP
FB1
10 VOUT1
VOUT2
NC
FB2
GND
9
8
7
6
2
3
4
5
10-Pin 3mm ×
×
×
×
× 3mm MLF™ (ML)
(Top View)
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
1.85
D
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.7
L
2.8
M
2.850
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com