Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA186 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA186 Datasheet HTML 17Page - Texas Instruments INA186 Datasheet HTML 18Page - Texas Instruments INA186 Datasheet HTML 19Page - Texas Instruments INA186 Datasheet HTML 20Page - Texas Instruments INA186 Datasheet HTML 21Page - Texas Instruments INA186 Datasheet HTML 22Page - Texas Instruments INA186 Datasheet HTML 23Page - Texas Instruments INA186 Datasheet HTML 24Page - Texas Instruments INA186 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186-Q1
REF
GND
< 1 k:
< 1 k:
Transorb
CBYPASS
0.1 µF
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
RPROTECT
RPROTECT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186-Q1
REF
GND
< 1 k:
< 1 k:
CBYPASS
0.1 µF
21
INA186-Q1
www.ti.com
SBOS386A – MAY 2019 – REVISED MAY 2020
Product Folder Links: INA186-Q1
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
Application Information (continued)
8.1.4 Common-Mode Voltage Transients
With a small amount of additional circuitry, the INA186-Q1 can be used in circuits subject to transients that
exceed the absolute maximum voltage ratings. The most simple way to protect the inputs from negative
transients is to add resistors in series with the IN– and IN+ pins. Use resistors that are 1 kΩ or less, and limit the
current in the ESD structures to less than 5 mA. For example, using 1-kΩ resistors in series with the INA186-Q1
allows voltages as low as –5 V, while limiting the ESD current to less than 5 mA. If protection from high-voltage
or more-negative, common-voltage transients is needed, use the circuits shown in Figure 33 and Figure 34.
When implementing these circuits, use only Zener diodes or Zener-type transient absorbers (sometimes referred
to as transzorbs); any other type of transient absorber has an unacceptable time delay. Start by adding a pair of
resistors as a working impedance for the Zener diode, as shown in Figure 33. Keep these resistors as small as
possible; most often, use around 100
Ω. Larger values can be used with an effect on gain that is discussed in the
Signal Conditioning section. This circuit limits only short-term transients; therefore, many applications are
satisfied with a 100-
Ω resistor along with conventional Zener diodes of the lowest acceptable power rating. This
combination uses the least amount of board space. These diodes can be found in packages as small as
SOT-523 or SOD-523.
Figure 33. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 34. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 33 and
Figure 34, the total board area required by the INA186-Q1 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an VSSOP-8 package.
Figure 34. Transient Protection Using a Single Transzorb and Input Clamps
For more information, see the Current Shunt Monitor With Transient Robustness reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com