Electronic Components Datasheet Search
  English  ▼

X  

INA186 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA186
Description  INA186-Q1 Automotive, 40-V Current Sense Amplifier for Cost-Sensitive Systems
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA186 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA186 Datasheet HTML 9Page - Texas Instruments INA186 Datasheet HTML 10Page - Texas Instruments INA186 Datasheet HTML 11Page - Texas Instruments INA186 Datasheet HTML 12Page - Texas Instruments INA186 Datasheet HTML 13Page - Texas Instruments INA186 Datasheet HTML 14Page - Texas Instruments INA186 Datasheet HTML 15Page - Texas Instruments INA186 Datasheet HTML 16Page - Texas Instruments INA186 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
VOUT
VS
1.7 V to 5.5 V
IN±
IN+
VS
OUT
+
±
Bus Voltage
up to 40 V
RSENSE
Load
Capacitively
Coupled
Amplifier
INA186-Q1
REF
GND
ISENSE
CBYPASS
0.1 µF
13
INA186-Q1
www.ti.com
SBOS386A – MAY 2019 – REVISED MAY 2020
Product Folder Links: INA186-Q1
Submit Documentation Feedback
Copyright © 2019–2020, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The INA186-Q1 is in normal operation when the following conditions are met:
•
The power-supply voltage (VS) is between 1.7 V and 5.5 V.
•
The common-mode voltage (VCM) is within the specified range of –0.2 V to +40 V.
•
The maximum differential input signal times the gain plus VREF is less than the positive swing voltage VSP.
•
The ENABLE pin is driven or connected to VS.
•
The minimum differential input signal times the gain plus VREF is greater than the zero load swing to GND, VZL
(see the Rail-to-Rail Output Swing section).
For devices that do not feature a REF pin that value for VREF will be zero. During normal operation, this device
produces an output voltage that is the amplified representation of the difference voltage from IN+ to IN– plus the
voltage applied to the REF pin.
7.4.2 Unidirectional Mode
This device can be configured to monitor current flowing in one direction (unidirectional) or in both directions
(bidirectional) depending on how the REF pin is connected. The most common case is unidirectional where the
output is set to ground when no current is flowing by connecting the REF pin to ground, as shown in Figure 26.
When the current flows from the bus supply to the load, the input voltage from IN+ to IN– increases and causes
the output voltage at the OUT pin to increase.
Figure 26. Typical Unidirectional Application
The linear range of the output stage is limited by how close the output voltage can approach ground under zero
input conditions. The zero current output voltage of the INA186-Q1 is very small and for most unidirectional
applications the REF pin is simply grounded. However, if the measured current multiplied by the current sense
resistor and device gain is less than the zero current output voltage, then bias the REF pin to a convenient value
above the zero current output voltage to get the output into the linear range of the device. To limit common-mode
rejection errors, buffer the reference voltage connected to the REF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com