Electronic Components Datasheet Search
  English  ▼

X  

RF2402 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RF2402
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2402 Datasheet(HTML) 3 Page - RF Micro Devices

  RF2402 Datasheet HTML 1Page - RF Micro Devices RF2402 Datasheet HTML 2Page - RF Micro Devices RF2402 Datasheet HTML 3Page - RF Micro Devices RF2402 Datasheet HTML 4Page - RF Micro Devices RF2402 Datasheet HTML 5Page - RF Micro Devices RF2402 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5-3
RF2402
Rev B1 010329
5
Pin
Function
Description
Interface Schematic
1VDD2
Power supply for the RF Output amplifier. An external RF bypass
capacitor is needed. The trace length between the pin and the bypass
capacitor should be minimized. The ground side of the capacitor should
connect immediately to the ground plane.
2VDD1
Power supply for all other circuits. An external RF bypass capacitor is
needed.
3PD
Power Down control. When this pin is 0V all circuits are turned off, and
when +5V all circuits are operating. This is a high impedance input,
internally connected to the gates of a few FETs. To minimize current
consumption in power down mode, this pin should be as close to 0V as
possible. In order to maximize output power this pin should be as close
to +5V as possible during normal operation.
4I SIG
Baseband input to the I mixer. This pin is DC coupled. Maximum output
power is obtained when the input signal has a peak to peak amplitude
of 5V. The DC level supplied to this pin should be 2.5± 0.5V. The SIG
and REF inputs are inputs of a differential amplifier. Therefore the REF
and SIG inputs are interchangeable. If swapping the I SIG and I REF
pins, the Q SIG and Q REF also need to be swapped to maintain the
correct phase. It is also possible to drive the SIG and REF inputs in a
balanced mode. This will increase the gain.
5I REF
Reference voltage for the I mixer. This voltage should be the same as
the DC voltage supplied to the I SIG pin. To obtain a carrier suppres-
sion of better than 40dB it may be tuned ±0.15V (relative to the I SIG
DC voltage). Without tuning, it will typically be better than 25dB.
6Q REF
Reference voltage for the Q mixer. This voltage should be the same as
the DC voltage supplied to the Q SIG pin. To obtain a carrier suppres-
sion of better than 40dB it may be tuned ±0.15V (relative to the Q SIG
DC voltage). Without tuning, it will typically be better than 25dB. The
SIG and REF inputs are inputs of a differential amplifier. Therefore the
REF and SIG inputs are interchangeable. If swapping the I SIG and I
REF pins, Q SIG and Q REF also need to be swapped to maintain cor-
rect phase. It is also possible to drive the SIG and REF inputs in a bal-
anced mode. This will increase the gain.
7Q SIG
Baseband input to the Q mixer. This pin is DC coupled. Maximum out-
put power is obtained when the input signal has a peak to peak ampli-
tude of 5V. The DC level supplied to this pin should be 2.5± 0.5V.
8LO IN
The input of the phase shifting network. This high impedance input can
be matchedwithanexternal56
Ω termination resistor. This pin is inter-
nally connected to ground through a 4k
Ω resistor. Putting a DC voltage
on this pin is not recommended. However, connecting this pin to
ground, e.g. through a shunt inductor, is allowed.
9
PHASE
This pin adjusts the phase of the I/Q signals. However, the control is
very sensitive and hard to control. Control voltage change for a few
degrees adjustment is in the order of 10mV. Device to device and tem-
perature variation are not characterized. Therefore it is not recom-
mended to use this pin; leave it not connected. Do NOT connect it to
ground. For compensating large errors in the I/Q signals supplied to the
device or in control loops, this pin may prove useful.
I SIG
I REF
Q REF
Q SIG
LO IN
PHASE



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com