Electronic Components Datasheet Search
  English  ▼

X  

RF2402 Datasheet(PDF) 5 Page - RF Micro Devices

Part # RF2402
Description  UHF QUADRATURE MODULATOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2402 Datasheet(HTML) 5 Page - RF Micro Devices

  RF2402 Datasheet HTML 1Page - RF Micro Devices RF2402 Datasheet HTML 2Page - RF Micro Devices RF2402 Datasheet HTML 3Page - RF Micro Devices RF2402 Datasheet HTML 4Page - RF Micro Devices RF2402 Datasheet HTML 5Page - RF Micro Devices RF2402 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5-5
RF2402
Rev B1 010329
5
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
POWER
CONTROL
Σ
C3
100 pF
C1
33 pF
C2
100 nF
R1
56
Ω
C4
100 pF
C5
33 pF
P1-3
P1-1
J2
J1
I SIG
Q SIG
J3
J4
RF OUT
LO IN
P1-1
P1-3
P1
REF
GND
VDD
1
2
3
2402400 Rev E
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
50
Ωµstrip
+45°
-45°



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com