Electronic Components Datasheet Search
  English  ▼

X  

1809776 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1809776
Description  IC 2,5/ 6-STGF-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809776 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1809776 Datasheet HTML 1Page - PHOENIX CONTACT 1809776 Datasheet HTML 2Page - PHOENIX CONTACT 1809776 Datasheet HTML 3Page - PHOENIX CONTACT 1809776 Datasheet HTML 4Page - PHOENIX CONTACT 1809776 Datasheet HTML 5Page - PHOENIX CONTACT 1809776 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IC 2,5/ 6-STGF-5,08 Order No.: 1825543
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1825543
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Mar 11, 2010
General
1733169
EBP 2- 5
Insertion bridge, fully insulated, for plug connectors with 5.0 or
5.08 mm pitch, no. of positions: 2
1852066
IC-DFR 6
accessories, Pitch: 5.08 mm, Number of positions: 6, Color: green
1803905
KGG-MSTB 2,5/ 6
Cable housing, Number of positions: 6, Dimension a: 30 mm,
Color: green
Marking
0804293
SK 5,08/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734401
CR-MSTB
Coding section, inserted into the recess in the header or the
inverted plug, red insulating material
Tools
1205053
SZS 0,6X3,5
Screwdriver, bladed, matches all screw terminal blocks up to 4.0
mm² connection cross section, blade: 0.6 x 3.5 mm, without VDE
approval
Additional products
Item
Designation
Description
General
1873249
FKC 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
1902343
FKCT 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
1874141
FKCVR 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
1873841
FKCVW 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Spring-
cage conn., Color: green
1777840
FRONT-MSTB 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Screw
connection, Color: green
1778027
MSTB 2,5/ 6-STF-5,08
Plug component, Nominal current: 12 A, Nom. voltage: 250 V,
Pitch: 5.08 mm, Number of positions: 6, Connection type: Screw
connection, Color: green



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com