Electronic Components Datasheet Search
  English  ▼

X  

1809776 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1809776
Description  IC 2,5/ 6-STGF-5,08
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1809776 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1809776 Datasheet HTML 1Page - PHOENIX CONTACT 1809776 Datasheet HTML 2Page - PHOENIX CONTACT 1809776 Datasheet HTML 3Page - PHOENIX CONTACT 1809776 Datasheet HTML 4Page - PHOENIX CONTACT 1809776 Datasheet HTML 5Page - PHOENIX CONTACT 1809776 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 11, 2010
Extract from the online
catalog
 
IC 2,5/ 6-STGF-5,08
Order No.: 1825543
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1825543
 
 
Plug component, Nominal current: 12 A, Nom. voltage: 250 V, Pitch:
5.08 mm, Number of positions: 6, Connection type: Screw connection,
Color: green
 
Commercial data
EAN
4017918049706
Pack
50 pcs.
Customs tariff
85366990
Weight/Piece
0.01124 KG
Catalog page information
Page 209 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5.08 mm
Dimension a
25.4 mm
Number of positions
6
Screw thread
M3


Similar Part No. - 1809776

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1809776 PHOENIX-1809776 Datasheet
156Kb / 5P
MSTB 2,5/ 6-GF-5,08
1809776 PHOENIX-1809776 Datasheet
156Kb / 5P
MSTBV 2,5/ 6-GF-5,08
More results

Similar Description - 1809776

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1825501 PHOENIX-1825501 Datasheet
147Kb / 6P
IC 2,5/ 2-STGF-5,08
1825514 PHOENIX-1825514 Datasheet
143Kb / 6P
IC 2,5/ 3-STGF-5,08
1825527 PHOENIX-1825527 Datasheet
147Kb / 6P
IC 2,5/ 4-STGF-5,08
1825530 PHOENIX-1825530 Datasheet
147Kb / 6P
IC 2,5/ 5-STGF-5,08
1825569 PHOENIX-1825569 Datasheet
143Kb / 6P
IC 2,5/ 8-STGF-5,08
1825640 PHOENIX-1825640 Datasheet
143Kb / 6P
IC 2,5/16-STGF-5,08
1825666 PHOENIX-1825666 Datasheet
145Kb / 6P
IC 2,5/18-STGF-5,08
1825682 PHOENIX-1825682 Datasheet
140Kb / 6P
IC 2,5/20-STGF-5,08
1825608 PHOENIX-1825608 Datasheet
147Kb / 6P
IC 2,5/12-STGF-5,08
1825637 PHOENIX-1825637 Datasheet
822Kb / 19P
IC 2,5/15-STGF-5,08 - PCB connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com