Electronic Components Datasheet Search
  English  ▼

X  

ECH450 Datasheet(PDF) 11 Page - XP Power Limited

Part # ECH450
Description  AC-DC Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECH450 Datasheet(HTML) 11 Page - XP Power Limited

Back Button ECH450 Datasheet HTML 3Page - XP Power Limited ECH450 Datasheet HTML 4Page - XP Power Limited ECH450 Datasheet HTML 5Page - XP Power Limited ECH450 Datasheet HTML 6Page - XP Power Limited ECH450 Datasheet HTML 7Page - XP Power Limited ECH450 Datasheet HTML 8Page - XP Power Limited ECH450 Datasheet HTML 9Page - XP Power Limited ECH450 Datasheet HTML 10Page - XP Power Limited ECH450 Datasheet HTML 11Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
ECH450 Series
AC-DC Power Supplies
11
www.xppower.com
26 March 20
Figure 6
Estimated Service Life vs Component Temperature
0
10000
20000
30000
40000
50000
C5 + C39 Temperature (ºC)
C39
C5
60000
70000
80000
105
95
85
75
65
55
45
Service Life
The estimated service life of the ECH450 is determined by the cooling arrangements and load conditions experienced in the end application.
Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of a key capacitor
with in the product when installed by the end application,
The graph below expresses the estimated lifetime of a given component temperature and assumes continuous operation at this temperature.
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must
not be exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component
(out of direct air flow). See Standard Open Frame Mechanical Details on page 5 for component locations.
Temperature Measurements (At Maximum Ambient)
Component
Max Temperature °C
T3 Coil
110°C
L3 Coil
120°C
Q3 Body
120°C
C5
105°C
C39
105°C
Thermal Considerations
To turn output off, connect Remote On/Off, Pin 3 to return, Pin 2.
Output is on if Remote On/Off, Pin 3 is floating or connected to
5V standby, Pin 1.
CN202 - Signal Connection
Pin 1
+5 V standby
Pin 2
Return
Pin 3
Remote On/Off
Remote On/Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com