Electronic Components Datasheet Search
  English  ▼

X  

ECH450 Datasheet(PDF) 2 Page - XP Power Limited

Part # ECH450
Description  AC-DC Power Supplies
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

ECH450 Datasheet(HTML) 2 Page - XP Power Limited

  ECH450 Datasheet HTML 1Page - XP Power Limited ECH450 Datasheet HTML 2Page - XP Power Limited ECH450 Datasheet HTML 3Page - XP Power Limited ECH450 Datasheet HTML 4Page - XP Power Limited ECH450 Datasheet HTML 5Page - XP Power Limited ECH450 Datasheet HTML 6Page - XP Power Limited ECH450 Datasheet HTML 7Page - XP Power Limited ECH450 Datasheet HTML 8Page - XP Power Limited ECH450 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Output - 5 V Standby Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage
5.0
VDC
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Minimum Load
0A
Start Up Delay
0.5
s
115/230 VAC full load.
Hold Up Time
500
ms
Min at full load, 115 VAC.
Drift
±0.02
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
5%
0-100% load.
Transient Response
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
5%
Full load
Ripple & Noise
2
% pk-pk
20 MHz bandwidth and 10 µF electrolytic capacitor in parallel
with 0.1 µF ceramic capacitor
Overload Protection
2.0
A
Short Circuit Protection
Trip & Restart
Temperature Coefficient
0.02
%/˚C
Remote On/Off
See Application Note
Output - Main Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
54
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Minimum Load
0A
No minimum load required
Start Up Delay
2s
115/230 VAC full load.
Hold Up Time
10
ms
Min at full load, 115 VAC.
Drift
±0.02
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±1
%
0-100% load.
Transient Response
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
25
%
Full load
Ripple & Noise
2
% pk-pk
20 MHz bandwidth and 10 µF electrolytic capacitor in
parallel with 0.1 µF ceramic capacitor.
Overvoltage Protection
110
130
%
Vnom, recycle input to reset
Overload Protection
110
130
% I nom
Short Circuit Protection
Trip & Restart
Temperature Coefficient
0.02
%/˚C
Overtemperature Protection
Measured internally, Auto Resetting
Output Leakage Current
50
µA
264 VAC / 60 Hz
ECH450 Series
www.xppower.com
2
AC-DC Power Supplies
General
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Efficiency
53
%
230 VAC Full load (see fig. 1 to 4)
Isolation: Input to Output
Input to Ground
Output to Ground
4000
VAC
2x MOPP
1500
VAC
1x MOPP
1500
VAC
1x MOPP
Switching Frequency
70
kHz
PFC, Fixed
82
185
kHz
Main converter, Variable
22
85
kHz
For 5V standby output, Variable
Power Density
21
W/in3
Mean Time Between Failure
300
kHrs
MIL-HDBK-217F, Notice 2 +25 °C GB
Weight
0.86 (390)
lb(g)
Open frame
1.26 (570)
-C version
1.29 (585)
-TF version
1.46 (660)
-EF version



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com