Electronic Components Datasheet Search
  English  ▼

X  

HIP5063 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP5063
Description  Power Control IC Single Chip Power Supply
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP5063 Datasheet(HTML) 3 Page - Intersil Corporation

  HIP5063 Datasheet HTML 1Page - Intersil Corporation HIP5063 Datasheet HTML 2Page - Intersil Corporation HIP5063 Datasheet HTML 3Page - Intersil Corporation HIP5063 Datasheet HTML 4Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Absolute Maximum Ratings
Thermal Information
DMOS Drain Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 60V
DMOS Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20A
DC Logic Supply. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Output Voltage, Logic Outputs . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Input Voltage, Analog and Logic. . . . . . . . . . . . . . . . . . -0.3V to 16V
Operating Junction Temperature Range . . . . . . . . . .0oC to +110oC
Storage Temperature Range . . . . . . . . . . . . . . . . . -55oC to +150oC
Thermal Resistance
θJC
(Solder Mounted to . . . . . . . . . . . . . . . . . . . . . . . . . 3oC/W Max
0.050” Thick Copper Heat Sink)
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . +110oC
(Controlled By Thermal Shutdown Circuit)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications VDDA = VDDD = VDDP = 12V, TJ = 0oC to +110oC; Unless Otherwise Specified
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DEVICE PARAMETERS
I+
Supply Current
External Clock Input = 1MHz
-
14
-
mA
DMOS TRANSISTORS
rDS(on)
Drain-Source On-State Resis-
tance
I Drain = 5A, TJ = +25oC-
-
0.13
Ω
IDSS
Drain-Source Leakage Current
Drain to Source Voltage = 60V
-
1
100
µA
CURRENT CONTROLLED PWM
|VIO|
VCMP
Buffer Offset Voltage
(VCMP - VIRFO)
IRFO = 0mA to -5mA,
VCMP = 0.2V to 7.6V
--
125
mV
IGAIN
IPEAK (DMOSDRAIN)/IIRFI
∆I (DMOSDRAIN)/∆t = 1A/ms
3.8
-
4.9
A/mA
RIRFI
IRFI Resistance to GND
IRFI = 2mA
150
-
360
Ω
tRS
Current Comparator Response
Time (Note 1)
∆I (DMOSDRAIN)/∆t > 1A/ms
-
30
-
ns
MCPW
Minimum Controllable Pulse
Width (Note 1)
25
50
100
ns
MCPI
Minimum Controllable DMOS
Peak Current (Note 1)
200
400
800
mA
CLOCK
VTH CLCK
CLCK Input Threshold Voltage
4
-
8
V
VTH FLLN
FLLN Input Threshold Voltage
4
-
8
V
IFLLN
FLLN Pull-Up Current
VFLLN = 0V
-70
-50
-30
µA
THERMAL MONITOR
TEMP
Substrate Temperature for
Thermal Monitor to Trip (Note 1)
TMON pin open
105
-
135
oC
ILEAK COOL
COOL Leakage Current
VCOOL = 12V
-
-
1
µA
VCOOL
COOL Low-State Voltage
ICOOL = 2mA, TJ > +125oC-
-
0.4
V
NOTE:
1. Determined by design, not a measured parameter.
HIP5063



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com